データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 2VF-CD-R

  • AI
    Based on the naming conventions used in electronic manufacturing (specifically by brands like **Caddock Electronics**), a part number like **2VF-CD-R** typically refers to a high-voltage, high-precision resistor component. Below is a breakdown of the electronic specifications and characteristics associated with this type of component. --- ### 1. Component Breakdown The alphanumeric code describes the physical and electrical properties of the part: | Segment | Identification | Description | | :--- | :--- | :--- | | **2VF** | Series/Type | Represents a high-voltage, thick-film resistor series. | | **CD** | Tolerance/Value Code | Indicates the specific resistance value and precision level (e.g., 0.25% or 1%). | | **-R** | RoHS Compliance | Indicates the part is Lead-Free and meets environmental standards. | --- ### 2. Key Technical Specifications These parts are engineered for specialized power and measurement circuits. * **Resistance Range:** Typically available from several kilohms (kΩ) up to several gigohms (GΩ). * **Voltage Rating:** Designed to handle high-voltage stress, often ranging from **2,000V to 5,000V** depending on the specific package size. * **Temperature Coefficient (TCR):** Low TCR (usually 50 ppm/°C to 100 ppm/°C) to ensure stability across varying temperatures. * **Construction:** Utilizes **Thick Film technology** on a ceramic substrate, often encapsulated in an epoxy coating for environmental protection. --- ### 3. Common Applications Due to their precision and high-voltage handling, these parts are found in: 1. **Medical Equipment:** High-voltage power supplies for X-ray machines and MRI scanners. 2. **Instrumentation:** Voltage dividers for multimeters and laboratory measurement tools. 3. **Industrial Controls:** Monitoring circuits for high-voltage power grids. 4. **Aerospace:** Systems requiring high reliability in extreme environments. --- ### 4. Handling and Soldering | Category | Requirement | | :--- | :--- | | **Mounting** | Through-hole mounting is standard for this series to provide mechanical stability. | | **Cleaning** | Standard aqueous or solvent cleaning is usually permitted, but avoid harsh abrasives that could damage the epoxy. | | **Storage** | Should be stored in a dry, anti-static environment to prevent oxidation of the leads. |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the CD code for this series?
    • ⤷ How does thick film technology differ from thin film in high-voltage resistors?
    • ⤷ Are there surface-mount (SMD) alternatives to the 2VF series?