データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3-B16-R

  • AI
    The **3-B16-R** typically refers to a high-performance **Triaxial Accelerometer** or a specific type of **Miniature Piezoelectric Sensor**, often used in aerospace, automotive testing, and structural analysis. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications These parts are designed for precision measurement across three axes (X, Y, and Z) simultaneously. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Piezoelectric (IEPE/Voltage mode) | | **Axis Configuration** | Triaxial (3-Axis) | | **Sensitivity** | ~10 mV/g (Standard variation) | | **Frequency Range** | 2 Hz to 10,000 Hz | | **Connector Type** | 4-pin Micro-connector (M4.5 or similar) | | **Material** | Titanium or Stainless Steel Housing | --- ## 2. Key Electronic Components ### A. Piezoelectric Crystals The heart of the 3-B16-R consists of three separate ceramic or quartz crystals. When mechanical stress (vibration) is applied, these crystals generate an electric charge proportional to the acceleration. ### B. Internal IEPE Circuitry "IEPE" stands for **Integrated Electronics Piezo-Electric**. The 3-B16-R usually contains internal micro-amplifiers that: * Convert high-impedance charge signals into low-impedance voltage signals. * Allow the signal to travel over long cables without significant noise interference. * Require a constant current power source (usually 2-10 mA). ### C. Ground Isolation To prevent "ground loops" which can distort data in industrial environments, the internal electronics are often electrically isolated from the outer titanium housing. --- ## 3. Wiring and Pinout Configuration Since it is a triaxial sensor, the electronic interface uses a 4-pin arrangement to transmit data for all three dimensions through a single cable. | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | X-Axis Signal | Output + Power for X | | **2** | Y-Axis Signal | Output + Power for Y | | **3** | Z-Axis Signal | Output + Power for Z | | **4** | Common/Ground | Shared return path for all axes | --- ## 4. Signal Conditioning Requirements To read data from a 3-B16-R sensor, you cannot connect it directly to a standard Arduino or generic ADC without a **Signal Conditioner**. The conditioner must: 1. Supply a **Constant Current Excitation** (usually 18-30 VDC). 2. Decouple the DC bias voltage from the AC vibration signal. 3. Filter high-frequency noise. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting methods for the 3-B16-R to ensure accurate readings?
    • ⤷ How do I calculate the G-force from the mV output of this sensor?
    • ⤷ What are the common causes of signal 'clipping' in IEPE accelerometers?