データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3-R27K

  • AI
    The designation **3-R27K** is a nomenclature often used to describe a specific type of electronic resistor, typically found in surface-mount technology (SMT) or high-precision power applications. ### 1. Breakdown of the Component Name In electronics, part numbers are often codes for specifications. Here is how **3-R27K** is typically interpreted: | Segment | Meaning | Description | | :--- | :--- | :--- | | **3** | Power Rating or Series | Often denotes a **3-Watt** power rating or a specific manufacturer series. | | **R27** | Resistance Value | The "R" acts as a decimal point. **0.27 Ohms** ($\Omega$). | | **K** | Tolerance | Represents a **±10%** manufacturing tolerance. | --- ### 2. Technical Specifications Components with this marking usually fall into the category of **Current Sense Resistors** or **Power Resistors**. * **Resistance:** 0.27 $\Omega$ (Low resistance value). * **Tolerance:** ±10% (Common for power applications where exact precision is less critical than heat dissipation). * **Common Package Types:** * **TO-220 / TO-247:** Transistor-style packages for mounting to heatsinks. * **Axial Lead:** Cylindrical body with wires at both ends (Ceramic or Wirewound). * **SMD (Surface Mount):** Large 2512 or high-power metal strip chips. --- ### 3. Common Applications Because the resistance is very low (0.27 $\Omega$), these parts are not used for standard signal limiting, but rather for: 1. **Current Sensing:** Measuring the voltage drop across the resistor to determine how much current is flowing through a circuit. 2. **Shunt Resistors:** Diverting high currents in power supplies. 3. **Feedback Loops:** Used in motor controllers and DC-to-DC converters to monitor output load. 4. **Audio Amplifiers:** Used in the output stage to stabilize the transistors. --- ### 4. Identification Table: Resistance Code Examples If you encounter similar markings, use this table for reference: | Marking | Value | Calculation | | :--- | :--- | :--- | | **R10K** | 0.10 $\Omega$ | R is 0. | | **2R7K** | 2.7 $\Omega$ | R is the decimal. | | **27RK** | 27 $\Omega$ | R follows the digits. | | **270K** | 270,000 $\Omega$ | 27 + 4 zeros (standard 3-digit code). |
    ✨ Follow-up Questions
    • ⤷ How do I test if a 3-R27K resistor is burnt out using a multimeter?
    • ⤷ What is the difference between a ±10% (K) and a ±5% (J) tolerance in power circuits?
    • ⤷ Can I replace a 3-watt R27 resistor with a 5-watt version?