データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3.5-R5

  • AI
    The term **3.5-R5** typically refers to a specific hardware specification or version commonly found in embedded systems, single-board computers (like the Orange Pi 5 series), or specific industrial sensors. Here is a breakdown of the electronic components and technical specifications usually associated with this standard. --- ### 1. Core Processor & Architecture The "R5" designation often points to the Rockchip RK3588S or similar ARM-based architectures used in high-performance compact boards. | Component | Specification | Description | | :--- | :--- | :--- | | **CPU** | Octa-core ARM | Usually 4x Cortex-A76 and 4x Cortex-A55. | | **GPU** | ARM Mali-G610 | High-performance 3D graphics and OpenCL support. | | **NPU** | 6 TOPS | Dedicated Neural Processing Unit for AI tasks. | --- ### 2. Connectivity & Interface (The 3.5mm / R5 Standard) In many electronic contexts, "3.5" refers to the physical dimensions or the standard for the expansion header/audio interface. * **Audio Jack (3.5mm):** A 4-pole TRRS connector supporting stereo output and microphone input. * **Expansion Headers:** Often includes a 40-pin header compatible with Raspberry Pi peripherals. * **PCIe Interfaces:** The R5 revision often includes support for M.2 M-Key slots for NVMe SSDs (PCIe 2.1). --- ### 3. Power Management (PMIC) The electronic circuitry for these boards requires complex power sequencing. ```yaml Power_System: Input_Voltage: 5V DC via USB-C PMIC_Chip: RK806-1 (Custom Rockchip Power Management) Current_Draw: 3A to 4A (under high load) Protection: Overvoltage and ESD protection on I/O lines ``` --- ### 4. Memory and Storage Components * **LPDDR4/4X:** Usually available in 4GB, 8GB, or 16GB configurations. * **eMMC Socket:** A dedicated interface for high-speed non-volatile storage. * **SPI Flash:** A small 16MB or 32MB chip used for storing the bootloader (U-Boot). --- ### 5. Peripheral Controllers The "R5" board revision typically integrates several controllers to manage external communication: 1. **Ethernet:** Realtek RTL8211F (Gigabit Ethernet Transceiver). 2. **HDMI:** Support for 8K@60fps output via the HDMI 2.1 controller. 3. **USB:** Integrated USB 3.0 and USB 2.0 hubs. ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to the Orange Pi 5 R5 board revision specifically?
    • ⤷ What is the primary application you are planning for this electronic part?
    • ⤷ Do you need the pinout diagram for the 40-pin expansion header?