データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3.5-R7

  • AI
    The term **3.5-R7** typically refers to a specific specification of an electronic component, most commonly associated with **Surface Mount Device (SMD) resistors** or certain high-power **semiconductor modules**. Below is a breakdown of the electronic characteristics and classifications associated with this designation. --- ### 1. Resistor Specification (SMD) In the context of resistors, "R" acts as a decimal point, and the numbers represent the resistance value in Ohms ($\Omega$). | Parameter | Value / Description | | :--- | :--- | | **Resistance Value** | 3.5 $\Omega$ (Ohms) | | **Tolerance** | Usually $\pm 1\%$ or $\pm 5\%$ (depending on the series) | | **Common Package** | 0603, 0805, 1206, or 2512 SMD sizes | | **Power Rating** | Varies by package (e.g., 2512 can handle up to 1-2 Watts) | ### 2. Physical Characteristics (R7 Package) The "R7" suffix often refers to the **packaging/reeling** or a specific **form factor** used by manufacturers like Vishay, Yageo, or Panasonic. * **Taping/Reeling:** R7 often indicates a 7-inch diameter reel used in automated Pick-and-Place machines. * **Dimensions:** If referring to a specific chassis-mount component, R7 may denote a specific lead spacing or heat-sink mounting style. ### 3. Key Electronic Functions Components with this rating (3.5 $\Omega$) are typically used for: 1. **Current Sensing:** Low resistance values are placed in series with a load to measure voltage drop and calculate current. 2. **Inrush Limiting:** Used to protect circuits from sudden spikes during power-up. 3. **LED Biasing:** Setting the specific forward current for high-power LED arrays. 4. **Snubber Circuits:** Used in combination with capacitors to suppress voltage spikes in switching power supplies. --- ### Example: Typical Part Number Structure If you were looking for this part in a catalog, it would look like this: ```text Manufacturer Code: RC1206FR-073R5L | | | | | | | | | | | +-- Resistance Value (3.5 Ohms) | | | | +----- Reel Size (7 inch) | | | +-------- Tolerance (F = 1%) | +----+----------- Package Size (1206) +------------------- Series (Resistor Chip) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the power rating for a 3.5-R7 resistor in a 2512 package?
    • ⤷ How do I calculate the voltage drop across a 3.5 Ohm resistor at 2 Amps?
    • ⤷ Are there specific manufacturers that use the R7 designation for capacitors?