30LVD40-R
AI

## Technical Overview of 30LVD40-R
The **30LVD40-R** is a high-voltage ceramic disc capacitor manufactured by **Vishay Cera-Mite**. It is part of the 30LVD series, which is specifically designed for low-voltage power supplies and suppression applications where high reliability and specific capacitance values are required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Ceramic Disc Capacitor |
| **Capacitance** | 0.04 µF (40,000 pF) |
| **Voltage Rating** | 400V AC / 300V AC (Standard Ratings) |
| **Tolerance** | ±20% (Standard M tolerance) |
| **Temperature Coefficient** | Y5U (General Purpose) |
| **Mounting Type** | Through-Hole |
| **Lead Style** | Radial |
---
### 2. Physical Construction
The device consists of a ceramic disc which is silver-plated on both sides. The "R" in the suffix typically denotes compliance with specific environmental standards (like RoHS) or a specific lead spacing/packaging configuration.
* **Coating:** Flame-retardant epoxy resin (meeting UL 94 V-0).
* **Leads:** Tinned copper wire.
* **Marking:** The body usually features the manufacturer's logo, capacitance value, and voltage rating.
---
### 3. Core Applications
The 30LVD40-R is commonly utilized in power electronics for the following purposes:
1. **EMI/RFI Suppression:** Filtering electrical noise in line-to-ground (Y-capacitor) or line-to-line (X-capacitor) configurations.
2. **Antenna Coupling:** Used in radio frequency circuits to block DC while allowing AC signals.
3. **Bypassing:** Diverting high-frequency noise to the ground in power supply circuits.
4. **Across-the-line Applications:** General protection in household appliances and industrial equipment.
---
### 4. Comparison with Standard Capacitors
Compared to standard MLCCs (Multi-Layer Ceramic Capacitors), the **30LVD40-R disc capacitor** offers:
* **Higher Robustness:** Better handling of voltage spikes.
* **Safety Agency Recognition:** Often meets UL, CSA, and VDE safety requirements for across-the-line use.
* **Lower Parasitic Induction:** Due to the disc geometry, though radial leads add some inductance compared to SMD parts.
- ⤷
What are the differences between Y5U and X7R temperature coefficients in ceramic capacitors?
- ⤷ How does the voltage derating affect the lifespan of the 30LVD40-R?
- ⤷ Can this capacitor be used in automotive high-voltage environments?