データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 310-R

  • AI
    The **310-R** typically refers to a high-performance **Step-Down (Buck) Voltage Regulator** or a specific industrial sensor/relay variant, depending on the manufacturer (most commonly associated with power management modules). Below is a breakdown of the electronic components and specifications typical of a 310-R series power module. --- ## 1. Core Technical Specifications These parts are designed to convert a higher DC input into a stable, lower DC output with high efficiency. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Input Voltage Range** | 4.5V - 18V | Wide range for battery or industrial DC rails. | | **Output Voltage** | 0.6V - 5.0V | Usually adjustable via external resistors. | | **Continuous Current** | 3A - 10A | Depending on the specific thermal package. | | **Switching Frequency** | 500 kHz - 1 MHz | High frequency allows for smaller inductors. | | **Efficiency** | Up to 95% | Synchronous rectification reduces heat loss. | --- ## 2. Key Internal Components The "310-R" architecture generally consists of several integrated sub-parts: ### A. MOSFETs (Internal Switches) * **High-Side MOSFET:** Controls the flow of energy from the input. * **Low-Side MOSFET:** Acts as a synchronous rectifier to improve efficiency compared to standard diodes. ### B. Control Logic & PWM Controller * **Pulse Width Modulation (PWM):** Regulates the output by varying the "on-time" of the switches. * **Error Amplifier:** Compares the feedback voltage to an internal reference (usually 0.6V) to maintain stability. ### C. Protection Circuitry * **Over-Current Protection (OCP):** Shuts down the part if the load exceeds limits. * **Thermal Shutdown:** Protects the silicon from melting if it overheats. * **UVLO (Under-Voltage Lockout):** Ensures the part doesn't attempt to start if the input voltage is too low. --- ## 3. Required External Components To make a 310-R part functional on a PCB (Printed Circuit Board), the following external parts are required: 1. **Inductor (L):** Usually 1.0µH to 4.7µH. It stores energy during the switching cycle. 2. **Input Capacitors ($C_{in}$):** Ceramic (X5R or X7R) to filter input noise. 3. **Output Capacitors ($C_{out}$):** To smooth the output voltage ripples. 4. **Feedback Resistors ($R_1, R_2$):** Set the specific output voltage level. --- ## 4. Common Applications * **Computing:** Powering CPUs, GPUs, and DDR memory. * **Networking:** Supply for Routers, Hubs, and Switches. * **Industrial:** Point-of-Load (POL) regulation for 12V rails.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the feedback resistor values for a specific output voltage?
    • ⤷ What are the thermal considerations when using the 310-R at maximum current?
    • ⤷ Can the 310-R be used in a parallel configuration for higher current?