データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 310B-R

  • AI
    The **310B-R** typically refers to a specific series of power supply modules or industrial controller components, most notably associated with the **310B-R Series Switching Power Supplies** or certain **AV (Audio/Video) interface boards**. Below is a breakdown of the electronic characteristics and internal components generally found in these units. --- ### 1. Core Specifications The 310B-R is designed for stability and high-frequency operation. Its primary electronic profile includes: | Feature | Description | | :--- | :--- | | **Input Voltage** | AC 100V - 240V (Universal Range) | | **Output Type** | DC (Typically 12V or 24V depending on sub-model) | | **Cooling** | Passive Heat Sinking or Integrated Fan | | **Mounting** | Rack-mount or DIN Rail (Model specific) | --- ### 2. Key Electronic Components The internal PCB (Printed Circuit Board) of a 310B-R unit consists of several critical stages: #### A. Input Protection Stage * **Fuse:** Protects against over-current. * **MOV (Metal Oxide Varistor):** Protects the circuit from voltage surges and spikes. * **EMI Filter:** Composed of X/Y capacitors and common-mode chokes to reduce electromagnetic interference. #### B. Rectification & Filtering * **Bridge Rectifier:** Converts AC input into pulsating DC. * **Bulk Capacitor:** Large electrolytic capacitor (usually 400V-450V rated) to smooth the DC voltage. #### C. Switching Stage (PWM) * **MOSFETs:** High-speed transistors that "switch" the DC power at high frequencies. * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain a steady output voltage despite load changes. #### D. Isolation & Output * **Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side. * **Schottky Diodes:** Used for high-speed rectification on the output side. * **Optocoupler:** Sends feedback from the output back to the PWM controller safely across the isolation barrier. --- ### 3. Protection Circuitry The "R" suffix in many industrial parts often denotes **Redundancy** or **Regulated** features. The 310B-R typically includes: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits. 2. **SCP (Short Circuit Protection):** Prevents board burnout during a direct short. 3. **Thermal Shutdown:** Sensors that monitor the temperature of the MOSFETs. --- ### 4. Application Context * **Industrial Automation:** Powering PLCs and sensors. * **Telecommunications:** Providing stable DC rails for signal processing. * **LED Systems:** Constant voltage driving for large-scale displays.
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of your 310B-R component (e.g.
    • ⤷ Zippy
    • ⤷ MeanWell
    • ⤷ or a specific AV brand)?
    • ⤷ Are you looking for a pinout diagram for the 310B-R interface?
    • ⤷ Do you need troubleshooting steps for a failed 310B-R power module?