データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 312N-R

  • AI
    The **312N-R** typically refers to a specific series of **Rotary Potentiometers** or variable resistors, often manufactured by brands like **Copal Electronics** or used as industry-standard components for precise manual adjustments in electronic circuits. --- ### 1. Component Overview A potentiometer (like the 312N-R) is a three-terminal resistor with a sliding or rotating contact that forms an adjustable voltage divider. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Rotary Potentiometer | | **Resistance Range** | Commonly 500Ω to 2MΩ | | **Tolerance** | ±10% or ±20% | | **Power Rating** | 0.05W to 0.25W (depending on size) | | **Mounting Type** | Through-hole (PCB) or Panel Mount | | **Taper** | Linear (B) or Logarithmic (A) | ### 2. Physical Construction The "312" series usually implies a specific physical diameter or mounting style. * **The Bushing/Shaft:** The "R" in the suffix often denotes a **Round Shaft** or a specific **RoHS Compliance** (Lead-free) status. * **Terminals:** Usually features three pins: 1. **Terminal 1:** Start of the resistive element. 2. **Terminal 2 (Wiper):** The moving contact connected to the knob. 3. **Terminal 3:** End of the resistive element. ### 3. Electrical Functionality In a circuit, the 312N-R functions based on the voltage divider rule: ```text V_out = V_in * (R_lower / (R_upper + R_lower)) ``` * **Variable Resistance:** By connecting only two terminals (Wiper + one side), it acts as a **Rheostat** to control current. * **Voltage Divider:** By connecting all three terminals, it acts as a **Potentiometer** to control output voltage. ### 4. Common Applications 1. **Audio Equipment:** Volume and tone controls in amplifiers. 2. **Calibration:** Adjusting internal reference voltages on a PCB (Trimming). 3. **User Interfaces:** Knobs on industrial control panels or dimmers. 4. **Sensors:** Basic angular position sensing. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a linear and logarithmic taper in the 312N series?
    • ⤷ How do I test if a 312N-R potentiometer is functioning correctly using a multimeter?
    • ⤷ Are there waterproof versions of this specific rotary potentiometer?