データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3153-R

  • AI
    The **3153-R** typically refers to a high-reliability, surface-mount (SMT) thermal switch or thermostat, often manufactured by companies like **Honeywell (Sensing and Productivity Solutions)**. This specific series is engineered for extreme environments, including aerospace, defense, and high-end industrial applications. --- ### 1. Key Technical Specifications The "R" suffix often denotes specific lead configurations or compliance standards (such as RoHS). Below are the typical electronic characteristics of the 3153 series: | Feature | Specification | | :--- | :--- | | **Switch Type** | SPST (Single Pole, Single Throw) | | **Contact Action** | Snap-action (Open or Close on rise) | | **Current Rating** | 2.0 A (Resistive) / 5.0 A (Special variants) | | **Voltage Rating** | 30 VAC / 30 VDC | | **Operating Temp** | -29°C to 177°C (-20°F to 350°F) | | **Housing** | Hermetically sealed (Solder-to-glass) | --- ### 2. Major Electronic Components & Construction #### A. Bimetallic Disc The core sensing element is a **thermally sensitive bimetallic disc**. * **Function:** As temperature reaches a pre-set threshold, the two metals expand at different rates, causing the disc to "snap" into a concave or convex shape. * **Benefit:** This snap-action provides instantaneous contact separation, reducing electrical arcing and noise. #### B. Hermetic Seal The 3153-R is housed in a cold-welded, oxygen-free environment. * **Glass-to-Metal Seal:** The electrical terminals are insulated from the metal base using high-grade glass. * **Protection:** This prevents moisture, dust, or gaseous contaminants from fouling the electrical contacts, making it suitable for high-altitude or vacuum environments. #### C. Contact Material The internal contacts are usually made of **Gold-plated Silver**. * **Gold plating:** Ensures low contact resistance even in low-voltage logic circuits. * **Silver base:** Provides high thermal and electrical conductivity for power switching. --- ### 3. Application Use Cases * **Satellite Systems:** Monitoring battery pack temperatures. * **Avionics:** Overheat protection for cockpit electronics. * **Medical Equipment:** Precise temperature regulation in laboratory diagnostic tools. * **Defense:** Thermal management in radar systems and missile guidance. --- ### 4. Circuit Diagram Representation In an electronic schematic, the 3153-R is represented as a thermal switch: ```text [ Thermal Switch ] ----o/ o---- (Normally Open - closes on temp rise) ----o \o---- (Normally Closed - opens on temp rise) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature set-points available for the 3153-R?
    • ⤷ How does the hermetic seal impact the component's lifespan compared to standard thermostats?
    • ⤷ Can the 3153-R be used in AC high-voltage applications?