データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3216FF1-R

  • AI
    ## Overview of 3216FF1-R The **3216FF1-R** is a high-quality surface-mount (SMD) fuse manufactured by **Eaton (formerly Bussmann)**. It belongs to the **3216FF series**, designed specifically for overcurrent protection in compact electronic circuits. ### Key Specifications | Feature | Specification | | :--- | :--- | | **Part Number** | 3216FF1-R | | **Current Rating** | 1.0 Ampere | | **Voltage Rating (AC/DC)** | 32V AC / 63V DC | | **Interrupting Rating** | 50A @ 63VDC / 50A @ 32VAC | | **Package Size** | 1206 (Metric 3216) | | **Fuse Characteristic** | Fast-Acting (FF) | | **Resistance (Typical)** | 0.120 Ohms | | **Operating Temperature** | -55°C to +125°C | --- ### Technical Breakdown #### 1. Form Factor: 1206 (3216) The name "3216" refers to the physical dimensions in millimeters (**3.2mm x 1.6mm**). In the Imperial system, this is known as a **1206** package. This standardized size makes it compatible with automated high-speed surface-mount assembly lines. #### 2. Fast-Acting (FF) Response The "FF" designation stands for **Very Fast-Acting**. Unlike "Time-Delay" or "Slow-Blow" fuses, this component is designed to open almost instantly when an overcurrent spike occurs. This is critical for protecting sensitive ICs (Integrated Circuits) that can be destroyed by even brief surges. #### 3. Material and Construction * **Termination:** Usually silver-plated with a tin overcoat (RoHS compliant). * **Body:** Ceramic or glass-reinforced epoxy substrate. * **R-Suffix:** The "-R" at the end of the part number indicates that the component is **RoHS compliant** (lead-free). --- ### Common Applications The 3216FF1-R is typically found in low-voltage consumer electronics and industrial hardware: * **LCD Monitors & Backlight Inverters:** Protecting the power rails of display panels. * **Portable Devices:** Cell phones, tablets, and digital cameras. * **Computer Peripherals:** USB ports, PCMCIA cards, and disk drives. * **Modems and Networking:** Ensuring line protection for telecommunication hardware. --- ### Implementation Example (PCB Context) When designing a PCB for this fuse, ensure the landing pads match the 1206 footprint. Below is a conceptual representation of how it might appear in a netlist: ```text Component: F1 (Fuse) Value: 1A Footprint: SMD_1206_3216Metric Manufacturer: Eaton/Bussmann Part Number: 3216FF1-R ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'FF' and 'FA' speed ratings in SMD fuses?
    • ⤷ How does temperature derating affect the 1.0A current limit of this fuse?
    • ⤷ What are the recommended soldering profiles for 1206 ceramic fuses?