データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3216FF20-R

  • AI
    The **3216FF20-R** is a high-performance, surface-mount (SMD) fast-acting fuse. It is manufactured by **Eaton (formerly Bussmann)** and belongs to the 3216FF series. This component is specifically designed to provide overcurrent protection in compact electronic circuits. --- ### 1. General Specifications The part number itself follows a specific naming convention that identifies its size and electrical rating. | Feature | Specification | | :--- | :--- | | **Package Size** | 3216 (Metric) / 1206 (Imperial) | | **Current Rating** | 20 Amperes | | **Voltage Rating** | 32 VDC / 32 VAC | | **Fuse Type** | Fast-Acting (FF) | | **Termination** | Lead-Free / RoHS Compliant | --- ### 2. Key Technical Attributes #### Size and Form Factor The "3216" designation refers to the physical dimensions: * **Length:** 3.2 mm * **Width:** 1.6 mm * This makes it an industry-standard **1206 chip size**, which is easily handled by automated pick-and-place machinery. #### Fast-Acting Characteristic (FF) The "FF" stands for Very Fast-Acting. Unlike "Slow-Blow" fuses, this part is designed to open the circuit almost instantaneously when a current spike exceeds its rating. This is critical for protecting sensitive semiconductors (like ICs and MOSFETs) that cannot withstand prolonged overcurrent conditions. #### Interrupting Rating This fuse has an interrupting rating (breaking capacity) typically around **150A to 300A** at its rated voltage. This ensures the fuse can safely quench an arc and stop the flow of electricity during a severe short circuit. --- ### 3. Common Applications Due to its high current density and small footprint, the 3216FF20-R is commonly found in: * **Battery Management Systems (BMS):** Protection for high-current lithium battery packs. * **Power Supplies:** DC-DC converters and telecommunication equipment. * **Laptops/Tablets:** Mainboard power rail protection. * **Consumer Electronics:** Gaming consoles and high-end portable devices. --- ### 4. Typical Marking and Identification On the physical component, you will often see a letter code rather than the full part number. ```markdown Example Marking: "T" (This letter often represents the 20A rating in the 3216FF series) ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a 3216FF and a 3216TD series fuse?
    • ⤷ How does temperature derating affect the 20A current rating of this fuse?
    • ⤷ What is the recommended solder pad layout for a 1206 size fuse?