データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 32N70-R

  • AI
    ### Technical Overview of 32N70-R The **32N70-R** is a high-voltage N-channel enhancement mode Power MOSFET. It is designed for applications requiring high-speed switching and high power handling capabilities. --- ### Key Technical Specifications Below are the primary electrical characteristics typically associated with the 32N70-R: | Parameter | Symbol | Typical Value | | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DSS}$ | 700V | | **Continuous Drain Current** | $I_D$ | 32A | | **Static Drain-Source On-Resistance** | $R_{DS(on)}$ | ~0.25Ω (varies by mfg) | | **Gate-Source Voltage** | $V_{GSS}$ | ±30V | | **Total Gate Charge** | $Q_g$ | ~120 nC | | **Package Type** | Case | TO-3P or TO-247 | --- ### Internal Structure and Features 1. **N-Channel Enhancement Mode**: This device is normally "OFF" (no current flows) when the gate-source voltage is zero. It requires a positive voltage on the gate to create a conductive channel. 2. **High Voltage Rating (700V)**: The high $V_{DSS}$ makes it suitable for power supplies connected to rectified AC mains (e.g., 220V/240V systems) where voltage spikes are common. 3. **Low $R_{DS(on)}$**: The low internal resistance minimizes power dissipation in the form of heat during the "ON" state, increasing overall system efficiency. 4. **Fast Switching**: Optimized for high-frequency Pulse Width Modulation (PWM) applications. --- ### Common Applications The 32N70-R is widely used in power conversion circuits, including: * **Switch Mode Power Supplies (SMPS)**: Used as the main switching element in AC-DC converters. * **Uninterruptible Power Supplies (UPS)**: Handling high-current battery-to-AC inversion. * **Motor Drivers**: Providing high-voltage control for industrial DC motors. * **PFC (Power Factor Correction)**: Improving the efficiency of power input stages. --- ### Design Considerations When integrating the 32N70-R into a circuit, consider the following: * **Heat Dissipation**: At 32A, the power loss ($P = I^2 \times R$) can be significant. A robust heatsink and thermal interface material (TIM) are mandatory. * **Gate Drive**: Ensure the gate driver can source/sink enough current to charge the gate capacitance rapidly to avoid switching losses. * **Protection**: Use a **snubber circuit** (RC or RCD) across the Drain and Source to protect the MOSFET from inductive voltage spikes during turn-off.
    ✨ Follow-up Questions
    • What are the equivalent MOSFET part numbers for 32N70-R?
    • How do I calculate the heat sink size for a 32A load?
    • What is the recommended gate-source voltage for full saturation?