データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 331SB-RPT

  • AI
    The **331SB-RPT** is a specialized electronic component commonly used in industrial monitoring and signal processing, specifically within the realm of **Signal Isolation and Conversion**. Below is a breakdown of its technical specifications, functionality, and internal components. --- ### 1. Technical Overview The "RPT" designation typically refers to a **Repeater** or **Signal Isolator**. This part is designed to take an analog signal (usually 4-20mA or 0-10V) and reproduce it at an output terminal while providing electrical isolation. | Feature | Specification (Typical) | | :--- | :--- | | **Input Type** | Analog Current (4-20mA) or Voltage (0-5V/0-10V) | | **Output Type** | Isolated Analog Output (Mirroring Input) | | **Isolation Voltage** | 1500V AC to 2500V AC | | **Power Supply** | 24V DC (Standard Industrial) | | **Mounting** | DIN Rail (35mm) | --- ### 2. Key Electronic Parts & Sub-circuits The internal architecture of a 331SB-RPT consists of four primary stages: #### A. Input Signal Conditioner * **Precision Resistors:** Converts incoming current signals into low-level voltage for processing. * **Protection Diodes:** Protects against reverse polarity and over-voltage spikes (TVs diodes). #### B. Galvanic Isolation Barrier * **Optocouplers or Transformers:** This is the "heart" of the RPT. It uses light (opto) or magnetic fields (transformer) to transfer the signal without physical electrical contact. * **Purpose:** Prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges in the field. #### C. Power Supply Module (DC-DC Converter) * **Switching Regulator:** Converts the 24V DC input into stable internal voltages. * **Isolated Transformer:** Ensures the power side is also isolated from the signal side. #### D. Output Amplifier/Driver * **Operational Amplifiers (Op-Amps):** Ensures high linearity and accuracy of the reproduced signal. * **Transistors/MOSFETs:** Provide the current drive necessary to send the signal over long distances to the controller. --- ### 3. Application Use Cases 1. **Ground Loop Elimination:** Used when the sensor and the controller are grounded at different potentials, which would otherwise cause signal noise. 2. **Signal Boosting:** Acting as a "Repeater" to extend the distance a 4-20mA signal can travel by regenerating the current drive. 3. **Safety Barrier:** Protecting expensive control room electronics from field-side electrical faults. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the 331SB-RPT?
    • ⤷ How does galvanic isolation differ from optical isolation in these modules?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?