データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 33394

  • AI
    The term **33394** most commonly refers to the **NXP/Freescale MC33394**, a specialized Power Management Integrated Circuit (PMIC) designed primarily for automotive and industrial applications. --- ### 1. Overview of the MC33394 The MC33394 is a multi-output power supply integrated circuit. It is engineered to provide regulated voltages to microcontrollers (like the MPC5xx series) and other peripherals within an Electronic Control Unit (ECU). ### 2. Key Specifications | Feature | Description | | :--- | :--- | | **Input Voltage Range** | Typically 4.0V to 26.5V (covers automotive transients) | | **Output Regulators** | Multiple (typically 5V, 3.3V, and 2.6V tracking) | | **Communication** | High-speed CAN interface support | | **Package Type** | LQFP-52 (Low-profile Quad Flat Pack) | | **Safety Features** | Overvoltage, Undervoltage, and Thermal protection | --- ### 3. Functional Blocks The internal architecture of the 33394 consists of several critical subsystems: 1. **Buck/Boost Converters:** It often uses a combination of switching and linear regulators to maintain stable voltage even during "crank" conditions (where battery voltage drops significantly). 2. **Watchdog Timer:** Monitors the microcontroller's operation. If the processor hangs, the 33394 can trigger a hardware reset. 3. **CAN Physical Layer:** Includes a high-speed CAN transceiver for robust communication across the vehicle network. 4. **Wake-up Logic:** Allows the system to enter a low-power "sleep" mode and wake up via external signals or CAN messages. --- ### 4. Common Applications * **Engine Management Systems (EMS):** Powering the main ECU and sensors. * **Transmission Control:** Managing electronic shifting systems. * **Industrial Automation:** Used in PLC modules requiring multiple voltage rails and high reliability. ### 5. Pin Configuration Example (Simplified) ```c /* Standard Pin categories for MC33394 */ PIN_1-10: // Ground and Power Inputs (VSUP) PIN_11-20: // Regulator Outputs (VCC, VDD) PIN_21-30: // CAN Bus interface (CANH, CANL) PIN_40-52: // Microcontroller Handshaking (Reset, Watchdog) ``` --- ### 6. Alternatives and Series If the MC33394 is obsolete or unavailable for a new design, engineers typically look at the **SBC (System Basis Chip)** family from NXP, such as: * **MC33903/4/5:** Newer generations with enhanced diagnostic features. * **FS6500 Series:** Modern functional safety (ASIL) compliant PMICs.
    ✨ Follow-up Questions
    • What are the specific voltage output tolerances for the MC33394?
    • How does the watchdog timer in the 33394 prevent system lockups?
    • What is the difference between the MC33394 and the newer MC33905 series?