データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 34026

  • AI
    The term **34026** typically refers to a specific series of high-performance surface-mount (SMD) power inductors or localized part numbers within automotive and industrial electronics. Most commonly, this identifier is associated with **Coilcraft** or **Murata** style shielding technologies. Below is a breakdown of the technical specifications and characteristics associated with these electronic components. --- ### 1. Component Overview The 34026 series is generally categorized as a **Shielded Power Inductor**. These are designed for high-density power applications where space is limited and electromagnetic interference (EMI) must be minimized. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Core Material** | Ferrite or Composite Iron Powder | | **Shielding** | Magnetically Shielded | | **Common Applications** | DC-DC Converters, LED Drivers, Notebooks | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Electrical Characteristics While specific values (like Inductance in $\mu H$) vary by the suffix of the part number, the 34026 series usually follows these parameters: 1. **High Saturation Current ($I_{sat}$):** Designed to handle high peaks without the core "saturating" (losing its inductive properties). 2. **Low DCR (DC Resistance):** Uses flat wire or thick copper windings to minimize power loss and heat generation. 3. **Magnetic Shielding:** The internal construction traps the magnetic field, preventing it from interfering with nearby sensitive components on the PCB. 4. **Wide Temperature Range:** Usually rated for $-40^\circ C$ to $+125^\circ C$, making them suitable for automotive use. --- ### 3. Physical Construction The physical architecture of the 34026 part is optimized for durability and efficiency: * **Footprint:** Often available in small form factors (e.g., 4mm x 4mm or 6mm x 6mm). * **Termination:** Matte tin over nickel over phosphor bronze, ensuring excellent solderability and resistance to "leaching." * **Encapsulation:** The ferrite body is often molded to provide mechanical protection against vibration. --- ### 4. Comparison with Standard Inductors | Feature | Standard Inductor | 34026 Series | | :--- | :--- | :--- | | **EMI Leakage** | High | Very Low (Shielded) | | **Height Profile** | Varies | Usually Low Profile | | **Current Handling** | Moderate | High (Optimized for Power) | | **Cost** | Lower | Higher (Due to shielding) | --- ### 5. Identification Example If you are looking at a full part number like `34026-AS`, the suffix defines the specific inductance: * **Inductance:** Measured in Henrys (typically $\mu H$). * **Tolerance:** Usually $\pm 20\%$. * **Packaging:** Tape and Reel (T&R) for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value for the 34026-AS variant?
    • ⤷ How does magnetic shielding in the 34026 series compare to unshielded inductors?
    • ⤷ Are there automotive-grade (AEC-Q200) versions of this specific part?