データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3541-S08-R

  • AI
    The **3541-S08-R** is a specific surface-mount electronic component, typically associated with a **Power Management Integrated Circuit (PMIC)** or a **Load Switch**, often manufactured by UTC (Unisonic Technologies Co.) or similar semiconductor vendors. Below is a detailed breakdown of its specifications, pin configuration, and typical applications. --- ### 1. General Specifications The 3541-S08-R is designed to control power rails in electronic circuits, providing protection and efficient switching. | Parameter | Specification | |:---|:---| | **Part Number** | 3541-S08-R | | **Component Type** | Power Distribution Switch / High-Side Switch | | **Package Type** | SOP-8 (Small Outline Package) | | **Packing Type** | Tape & Reel (indicated by the "-R" suffix) | | **Input Voltage Range** | Typically 2.7V to 5.5V | | **Continuous Current** | Often rated for 0.5A to 1.5A (varies by sub-version) | | **Features** | Over-current protection, Thermal shutdown, Reverse current blocking | --- ### 2. Pin Configuration (SOP-8) In a standard SOP-8 power switch configuration, the pins are generally assigned as follows: | Pin Number | Symbol | Function | |:---:|:---|:---| | 1 | **GND** | Ground connection. | | 2, 3 | **IN** | Input voltage; connect to the power source. | | 4 | **EN** | Enable input; logic high or low to turn the chip on/off. | | 5 | **FLG** | Fault flag; an open-drain output that indicates over-current. | | 6, 7, 8 | **OUT** | Output voltage; connects to the load. | --- ### 3. Key Features * **Built-in Protection:** It protects the main power supply from short circuits or excessive loads. * **Soft Start:** Many versions include an internal soft-start to limit inrush current during startup. * **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power loss and heat generation during operation. * **USB Compatibility:** Frequently used in USB ports to meet USB power delivery specifications (0.5A per port). --- ### 4. Typical Application Circuit When designing with the 3541-S08-R, external capacitors are required for stability. ```mermaid graph LR Vin[Input Voltage] -->|Capacitor 0.1uF| IN[3541 Pin 2/3] EN[Enable Signal] --> Pin4[3541 Pin 4] OUT[3541 Pin 6/7/8] -->|Capacitor 1uF| Load[External Device/USB] GND[Ground] --- Pin1[3541 Pin 1] ``` --- ### 5. Identification and Suffixes * **S08:** Refers to the **SOP-8** package size. * **R:** Refers to **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. * **Lead-Free:** Usually, these parts are RoHS compliant, indicated by additional markings on the chip body.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 3541-S08-R?
    • ⤷ How does the 'Enable' (EN) pin logic level differ between active-high and active-low versions?
    • ⤷ What is the maximum over-current threshold for this specific PMIC?