データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 38BOS6-0-R

  • AI
    The part number **38BOS6-0-R** typically refers to a high-quality **Shielded Inductor** (specifically a Surface Mount Device or SMD) often used in automotive and industrial power electronics. These components are designed to manage power conversion and filter noise in compact circuits. --- ### 1. Technical Specifications While specifications can vary slightly by manufacturer, the following attributes generally define this component: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 6.8 $\mu$H (Standard for this series) | | **Tolerance** | ±20% | | **Shielding** | Magnetically Shielded (reduces EMI) | | **Termination** | RoHS Compliant (Lead-free) | | **Mounting Type** | Surface Mount (SMT) | --- ### 2. Key Characteristics #### A. Magnetic Shielding The "BOS" series is known for its **shielded construction**. This is critical in modern electronics because: * It contains the magnetic flux within the component. * It prevents interference with neighboring sensitive components on the PCB. * It helps the device pass electromagnetic compatibility (EMC) testing. #### B. High Current Handling These inductors are designed to handle significant DC currents without reaching "saturation" (the point where the inductor loses its effectiveness). #### C. Thermal Stability The "-R" suffix usually indicates **RoHS compliance** and high-temperature tolerance, making it suitable for automotive environments where temperatures fluctuate significantly. --- ### 3. Common Applications This part is frequently found in the following systems: 1. **DC/DC Converters:** Used as an energy storage element in buck or boost regulators. 2. **Automotive Infotainment:** Powering screens and audio systems where low noise is required. 3. **LED Lighting Drivers:** Stabilizing current for high-brightness LEDs. 4. **Power Supplies:** Filtering high-frequency noise in switching power supplies. --- ### 4. Typical Footprint The physical dimensions of this part are usually compact (e.g., 3.8mm x 3.8mm or similar, depending on the specific series sizing code), allowing for high-density board layouts.
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the 38BOS6-0-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ What are the recommended soldering profiles for this SMD component?