データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 39-R1

  • AI
    The term **39-R1** typically refers to a specific component designation, often a **Resistor** (denoted by 'R') on a circuit board or a part number for a specific electronic sub-assembly. In electronics, "39-R1" is most commonly encountered in one of three contexts: a specific resistance value, a PCB reference designator, or a proprietary part number for appliance modules. --- ### 1. Breakdown of the Designation | Component Element | Description | Common Interpretation | | :--- | :--- | :--- | | **39** | Numerical Value | Can represent 39 Ohms or a series number. | | **R** | Reference Letter | Standard IEEE designation for **Resistor**. | | **1** | Suffix/Multiplier | Often indicates the first resistor in a circuit or a decimal multiplier. | --- ### 2. Common Electronic Implementations #### A. The 39 Ohm Resistor (39R) In electronic schematics, "39R" is a shorthand way to write **39 Ohms**. The "R" acts as the decimal point to prevent errors in reading small print. * **39R1**: Could signify 39.1 Ohms or Resistor #1 in the 39-series group. * **Tolerance**: Usually ±1% or ±5%. * **Power Rating**: Ranges from 1/8W (SMD) to 5W+ (Wirewound). #### B. The 39-R1 Control Board (Appliance Electronics) The code **39-R1** is frequently found on control boards for home appliances (like air conditioners or heaters). These are "Secondary Boards" or "Sub-modules." * **Function**: Manages specific logic for sensors or fan speeds. * **Key Components on Board**: * **Microcontrollers**: To process input signals. * **Relays**: To switch high-voltage loads. * **Capacitors**: For power filtering and stabilization. #### C. SMD Marking Codes If the code is printed directly on a tiny Surface Mount Device (SMD): * **391**: This equals $39 \times 10^1 = 390$ Ohms. * **39R**: This equals exactly 39 Ohms. --- ### 3. Technical Specifications Table If you are looking for the physical characteristics of a standard 39-Ohm resistor often labeled this way: | Feature | Standard Value | | :--- | :--- | | **Resistance** | 39 $\Omega$ | | **Color Code** | Orange, White, Black, Gold (for 5%) | | **E-Series** | Part of the E12 and E24 standard series | | **SMD Code** | 390 or 39R | --- ### 4. Identification Example Code If you are programming a system to identify this component in a Bill of Materials (BOM): ```python def identify_component(part_string): if "R" in part_string: value = part_string.replace("R", ".") return f"Resistor with value: {value} Ohms" return "Unknown Component" # Example usage print(identify_component("39R1")) # Output: Resistor with value: 39.1 Ohms ``` ---
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific resistor value or a part number for a control board?
    • ⤷ What is the physical size of the part (SMD or Through-hole)?
    • ⤷ Which appliance or device did you find this part number in?