データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AB20-R

  • AI
    The **3AB20-R** is a specific model of a **Miniature Ceramic Fuse** produced by **Bel Fuse Inc.** This part is widely used in power supplies, monitors, and industrial equipment to protect circuits against overcurrent and short-circuit conditions. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Technical Specifications The "3AB" designation refers to the physical size (standard 1/4" x 1-1/4"), while the "20" represents its amperage, and the "R" signifies RoHS compliance. | Feature | Specification | | :--- | :--- | | **Fuse Type** | Fast-Acting (F) | | **Current Rating** | 20 Amperes (A) | | **Voltage Rating (AC)** | 250 Volts (V) | | **Body Material** | Ceramic | | **Termination Style** | Cartridge (Ferrule) | | **Dimensions** | 6.35mm x 31.75mm (1/4" x 1-1/4") | | **Interrupting Rating** | 400A @ 250V AC / 10,000A @ 125V AC | | **Compliance** | RoHS 6 Compliant, UL Listed, CSA Certified | --- ### 2. Key Components & Materials The 3AB20-R is constructed to handle higher energy levels compared to standard glass fuses: * **Ceramic Tube:** Unlike glass fuses, the ceramic body is opaque and significantly stronger. This allows the fuse to withstand higher temperatures and internal pressure during a high-current fault without shattering. * **Arc Quenching Filler:** Typically, the interior of these ceramic fuses is filled with high-purity silica sand. When the fuse blows, the sand absorbs the heat and extinguishes the electrical arc. * **Nickel-Plated Brass Caps:** These provide high conductivity and corrosion resistance for the connection points. --- ### 3. Application Use-Cases Because the 3AB20-R is a **Fast-Acting** fuse with a **20A** rating, it is designed for: * **Power Distribution Units (PDUs):** Protecting heavy-duty power strips. * **Industrial Machinery:** Short-circuit protection for motors or control circuits where "surge" is not expected. * **Appliances:** High-wattage heating elements or large kitchen appliances. --- ### 4. Part Number Breakdown Understanding the nomenclature helps in identifying variants: | Prefix | Value | Suffix | | :--- | :--- | :--- | | **3AB** | **20** | **-R** | | Physical size code (Standard Large) | Current rating in Amps | RoHS (Lead-Free) Compliant | --- **Safety Note:** Always ensure the device is powered off before replacing a 3AB20-R fuse. Never replace a ceramic fuse with a glass fuse of the same rating if the application requires high interrupting capacity, as the glass may explode under high-fault conditions.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 3AB and 3AG fuse series?
    • ⤷ Can I use a Slow-Blow fuse instead of a Fast-Acting 3AB20-R?
    • ⤷ How do I test a 3AB20-R fuse using a multimeter?