データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AB6-R

  • AI
    The **3AB6-R** is a specific type of electronic component, primarily known as a **Ceramic Body Miniature Fuse**. It belongs to the 3AB series, which is a standard industrial designation for fuses measuring 1/4" x 1-1/4" (6.3mm x 32mm). ### 1. Technical Specifications The "3AB" prefix refers to the physical size and material, while the "6" indicates the current rating, and "R" denotes RoHS compliance. | Feature | Specification | | :--- | :--- | | **Current Rating** | 6 Amperes (6A) | | **Voltage Rating** | Typically 250V AC | | **Fuse Type** | Fast-Acting (Fast Blow) | | **Body Material** | Ceramic | | **Dimensions** | 6.3mm x 32mm (1/4" x 1-1/4") | | **Termination Style** | Cartridge (Ferrule) | | **RoHS Compliant** | Yes (indicated by the "-R") | --- ### 2. Key Characteristics The 3AB6-R differs from standard glass fuses (3AG series) in several functional ways: * **Ceramic Body:** Unlike glass fuses, the ceramic body is opaque. This material allows for a **higher interrupting rating** (breaking capacity). Ceramic can withstand much higher internal pressures during a short-circuit without shattering. * **Fast-Acting:** It is designed to open (blow) very quickly when the current exceeds 6A. This is critical for protecting sensitive semiconductor components that cannot tolerate even brief overcurrent spikes. * **Arc Quenching:** Many ceramic fuses are filled with high-purity silica sand. When the fuse blows, the sand melts to help extinguish the electric arc, preventing the circuit from re-forming. --- ### 3. Common Applications Due to its high breaking capacity and fast response time, the 3AB6-R is commonly found in: 1. **Industrial Power Supplies:** Protecting input/output stages. 2. **Test Equipment:** Multimeters and oscilloscopes often use ceramic fuses for safety. 3. **HVAC Systems:** Used in control boards to prevent transformer damage. 4. **Major Appliances:** Found in microwave ovens and large dishwashers where high-fault currents might occur. --- ### 4. Cross-Reference & Identification If you are looking for a replacement, ensure the following markings or equivalents match: * **Littelfuse:** Often identified as 0314006.HXP. * **Bussmann:** Often identified as ABC-6-R. * **Visual Check:** The fuse will have silver-colored end caps and a solid white (ceramic) tube, rather than clear glass.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3AB ceramic fuse and a 3AG glass fuse?
    • ⤷Can I replace a fast-acting 3AB6-R with a slow-blow version of the same amperage?
    • ⤷How do I test if a 3AB6-R fuse is blown using a multimeter?