データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AG2-R

  • AI
    The **3AG2-R** is a specific type of electronic component—specifically a **miniature glass tube fuse**. It is widely used in power supplies, consumer electronics, and industrial equipment to provide overcurrent protection. --- ## 1. Technical Specifications The "3AG" designation refers to the physical size and form factor, while the "R" typically signifies compliance with RoHS (Restriction of Hazardous Substances) or specific resistance/rating characteristics depending on the manufacturer (like Littelfuse or Bel Fuse). | Feature | Specification | | :--- | :--- | | **Type** | Glass Tube Fuse | | **Size Designation** | 3AG (also known as 1/4" x 1-1/4" or 6.3 x 32mm) | | **Current Rating** | 2 Amperes (2A) | | **Voltage Rating** | Typically 250V AC | | **Speed/Characteristic** | Usually "Fast-Acting" (but verify via datasheet) | | **Body Material** | Glass (allows visual inspection of the filament) | | **Terminals** | Nickel-plated brass end caps | --- ## 2. Key Characteristics ### A. Form Factor (3AG) The 3AG size is one of the most common fuse standards in North America. * **Diameter:** 6.35 mm (1/4 inch) * **Length:** 31.75 mm (1-1/4 inch) ### B. Visual Indicator Because the body is made of clear glass, the user can easily see if the internal wire (filament) has melted. A blackened or broken wire indicates a "blown" fuse, meaning it successfully protected the circuit from a surge. ### C. Fast-Acting vs. Time-Delay While many 3AG series fuses are fast-acting (opening within milliseconds of an overload), it is crucial to check the specific part branding. * **3AG2-R (Fast-Acting):** Protects sensitive ICs and components that cannot tolerate even brief surges. * **3LD/3SD (Slow-Blow):** Used for circuits with "inrush" currents like motors. --- ## 3. Applications The 3AG2-R fuse is commonly found in: 1. **Power Strips and Surge Protectors:** Acting as the primary safety link. 2. **Amplifiers and Audio Gear:** Protecting the internal transformers. 3. **Laboratory Equipment:** For precise current limiting in testing environments. 4. **Old Automotive Circuits:** Used in vintage car fuse blocks. --- ## 4. Safety and Replacement When replacing a **3AG2-R**, always follow these three rules: 1. **Match the Amperage:** Never use a fuse higher than 2A. 2. **Match the Voltage:** You can use a higher voltage rating (e.g., a 250V fuse in a 125V circuit), but never lower. 3. **Check the "R":** Ensure the replacement is RoHS compliant if the original equipment requires lead-free components.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3AG and a 5x20mm fuse?
    • ⤷ Can I replace a fast-acting 3AG2-R with a slow-blow version?
    • ⤷ How do I test if a 3AG2-R fuse is blown using a multimeter?