データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AG5-R

  • AI
    ### Analysis of the 3AG5-R Electronic Component The **3AG5-R** is a specific type of electronic protection component, primarily categorized as a **Fast-Acting Glass Body Cartridge Fuse**. It follows the standard physical dimensions of the "3AG" series, which is one of the most common fuse sizes in North America. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Series** | 3AG (Industry Standard) | | **Physical Size** | 1/4" x 1-1/4" (6.35mm x 31.75mm) | | **Body Material** | Glass | | **Response Characteristic** | Fast-Acting (F) / Normal Blow | | **Current Rating** | 5 Amperes (5A) | | **Voltage Rating** | Typically 250V AC | | **RoHS Compliant** | Yes (Indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number Understanding the naming convention helps in identifying the exact properties of the fuse: * **3AG**: Refers to the physical form factor. "AG" originally stood for "Automobile Glass," though these are now used in a wide variety of electronics. Size is $6.3 \times 32$ mm. * **5**: Represents the **Amperage** rating. In this case, it is designed to blow (open the circuit) when a current significantly exceeding 5 Amps passes through it. * **-R**: Indicates **RoHS Compliance**. This means the part is manufactured without hazardous substances like lead, meeting environmental safety standards. --- ### 3. Application and Usage Because the 3AG5-R is a **Fast-Acting** fuse, it is designed to protect sensitive electronic components that cannot withstand a surge or overcurrent for even a short duration. * **Common Uses**: Power supplies, consumer electronics, instruments, and telecommunication equipment. * **Protection Type**: It provides short-circuit and overcurrent protection. * **Visual Inspection**: Since it has a glass body, users can visually inspect the internal filament. If the wire is broken or the glass is darkened, the fuse has blown and must be replaced. --- ### 4. Safety and Replacement Notes > [!WARNING] > Always replace a fuse with one of the exact same amperage and voltage rating. Replacing a 5A fuse with a higher-rated fuse (e.g., 10A) can lead to fire hazards or permanent damage to the device. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Fast-Acting and a Slow-Blow fuse in the 3AG series?
    • ⤷ Can I use a 250V 3AG5-R fuse in a 125V circuit?
    • ⤷ How do I test a 3AG5-R fuse using a digital multimeter?