データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AG7-R

  • AI
    The **3AG7-R** is a specific model of an electronic component, most commonly recognized as a **Glass Body Cartridge Fuse**. Below is a detailed breakdown of its specifications, construction, and applications. --- ## 1. Component Overview The "3AG" designation refers to the physical size of the fuse, while the "-R" suffix typically indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Fuse Type** | Cartridge Glass Fuse | | **Size Standard** | 3AG (approx. 1/4" x 1-1/4" or 6.35mm x 31.75mm) | | **Current Rating** | 7 Amperes (7A) | | **Voltage Rating** | Usually 250V AC | | **Speed/Characteristic** | Fast-Acting (Fast Blow) | | **Body Material** | Glass | | **Termination** | Nickel-plated Brass End Caps | --- ## 2. Key Characteristics ### Fast-Acting Response The 3AG7-R is designed to open (blow) very quickly when the current exceeds its 7A rating. Unlike "Slow-Blow" fuses, it does not tolerate temporary power surges. This makes it ideal for protecting sensitive electronics. ### Glass Construction The transparent glass body allows for **visual inspection**. If the fuse has blown due to an overload, the internal wire filament will be visibly broken or the glass may be charred if a short circuit occurred. ### RoHS Compliance (-R) The "-R" signifies that the part is lead-free and meets environmental safety regulations, ensuring it is suitable for modern global manufacturing. --- ## 3. Common Applications This fuse is a standard size found in many consumer and industrial devices: * **Power Supplies:** Protecting the input stage of AC-to-DC converters. * **Audio Equipment:** Used in amplifiers and older stereo systems. * **Appliances:** Found in microwave ovens, chargers, and kitchen electronics. * **Automotive:** Frequently used in older vehicle accessory circuits or add-on electronics. --- ## 4. Part Number Breakdown ```text 3A - The physical size (1/4" x 1-1/4") G - Material (Glass) 7 - Amperage (7 Amps) -R - RoHS Compliant ``` --- ## 5. Safety & Replacement When replacing a **3AG7-R**, always ensure the replacement matches the following: 1. **Amperage:** Do not use a higher amp fuse (e.g., 10A) as it will not protect the circuit correctly. 2. **Voltage:** You can use a fuse with a higher voltage rating (e.g., 300V instead of 250V), but never lower. 3. **Speed:** Ensure the replacement is "Fast-Acting." Replacing a fast fuse with a slow-blow fuse can result in equipment damage.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 3AG and a 3AB fuse?
    • ⤷ Can I replace a 3AG7-R with a ceramic version of the same rating?
    • ⤷ How do I test a 3AG7-R fuse using a multimeter?