データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AP3.5-R

  • AI
    The **3AP3.5-R** refers to a specific series of high-voltage circuit breakers manufactured by Siemens. These components are integral to power transmission and distribution infrastructure, designed to protect electrical grids from damage caused by overloads or short circuits. --- ### 1. Technical Overview The 3AP series utilizes **SF6 (Sulfur Hexafluoride)** gas as both an insulating medium and an arc-quenching agent. The "3.5" typically denotes the mechanical operating mechanism or specific frame size within the product family. | Feature | Specification Details | | :--- | :--- | | **Manufacturer** | Siemens | | **Technology** | SF6 (Sulfur Hexafluoride) | | **Circuit Type** | Live Tank Circuit Breaker | | **Operation Type** | Spring-operated mechanism | | **Primary Use** | High-voltage substations | --- ### 2. Key Electronic and Electromechanical Components The 3AP3.5-R is not just a mechanical switch; it integrates several electronic systems for control, monitoring, and protection: #### A. Spring-Operated Mechanism (The "R" Series) The "R" often signifies the **stored-energy spring mechanism**. * **Charging Motor:** An AC/DC motor that compresses the closing spring. * **Limit Switches:** Electronic sensors that detect if the spring is fully charged or discharged to prevent motor burnout. #### B. Control and Trip Circuits * **Closing/Tripping Coils:** Electromagnetic solenoids that receive signals from the protection relay to open or close the contacts within milliseconds. * **Auxiliary Switches:** A block of secondary contacts that communicate the status (Open/Closed) of the breaker to the control room. #### C. Monitoring Systems * **Density Monitor:** A pressure-compensated sensor that monitors the SF6 gas density. If the gas pressure drops (indicating a leak), the electronic contacts trigger an alarm or lockout the breaker. * **Heater Elements:** Resistance heaters controlled by thermostats to prevent moisture condensation and ensure the SF6 gas stays at an optimal temperature in cold climates. --- ### 3. Functional Operation Logic The electronic workflow of the 3AP3.5-R follows this sequence: 1. **Input:** A protection relay detects a fault and sends a DC voltage pulse to the **Tripping Coil**. 2. **Release:** The coil releases a mechanical latch. 3. **Action:** The pre-charged spring forces the interrupter unit to open. 4. **Extinction:** The SF6 gas quenches the electrical arc. 5. **Feedback:** The **Auxiliary Switch** changes state, updating the SCADA system that the circuit is now safe. --- ### 4. Summary of Advantages * **Low Maintenance:** The electronic monitoring allows for "condition-based" maintenance rather than time-based. * **Reliability:** Designed for up to 10,000 operating cycles. * **Speed:** Capable of interrupting high currents in less than 50-60 milliseconds.
    ✨ Follow-up Questions
    • ⤷ What are the maintenance requirements for the SF6 density monitor?
    • ⤷ How does the spring-operated mechanism differ from hydraulic mechanisms?
    • ⤷ Can this breaker be integrated into a digital substation using IEC 61850?