データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AP350-R

  • AI
    The **3AP350-R** is a specific electronic component primarily known as a **Gas Discharge Tube (GDT)** or Surge Arrester, typically manufactured by companies like Littelfuse or Mitsubishi. It is designed to protect sensitive electronic equipment from voltage transients caused by lightning or electrical switching. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the 3AP350-R: | Parameter | Specification | | :--- | :--- | | **DC Spark-over Voltage** | 350V (±20%) | | **Impulse Spark-over Voltage** | < 900V (at 1kV/µs) | | **Discharge Current (Nominal)** | 2.5kA to 5kA (8/20µs) | | **Insulation Resistance** | > 100 MΩ | | **Capacitance** | < 1.0 pF | | **Mounting Type** | Axial Lead (Through-hole) | --- ### 2. Functional Principles The 3AP350-R operates based on the ionization of gas within a sealed ceramic chamber: 1. **High Impedance State:** Under normal operating conditions (below 350V), the device acts as an open circuit with extremely low capacitance. 2. **Ionization:** When a voltage spike exceeds the "Spark-over" threshold (350V), the internal gas ionizes and becomes highly conductive. 3. **Crowbar Effect:** The GDT creates a short circuit (arc) to ground, shunting the excess current away from the protected circuit. 4. **Reset:** Once the surge passes and the voltage drops below the "Holdover" level, the gas de-ionizes and the device returns to its high-impedance state. --- ### 3. Key Applications Because of its low capacitance, the 3AP350-R is ideal for high-speed data lines where signal integrity is critical. * **Telecommunications:** Protection for ADSL/VDSL lines and telephone exchanges. * **Power Supplies:** Used in AC/DC converters for primary surge protection. * **Industrial Equipment:** Protecting sensors and PLCs from industrial noise. * **Consumer Electronics:** Protecting modems and routers from lightning strikes on external lines. --- ### 4. Circuit Implementation Example In a typical protection circuit, the GDT is often placed "Front-End" before other components like Varistors (MOVs) or TVS Diodes. ```text [Line In] ----+---- [Inductor/Resistor] ----+---- [Protected Circuit] | | [3AP350-R] [TVS Diode] | | [Ground] -----+-----------------------------+---- [Common] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a GDT like the 3AP350-R and a Varistor (MOV)?
    • ⤷ How does the 'R' suffix affect the component's compliance or packaging?
    • ⤷ Can the 3AP350-R be used for DC power line protection?