データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3AP5-R

  • AI
    The **3AP5-R** is a specific model of a **High-Voltage Circuit Breaker** (SF6 Live-Tank) manufactured by Siemens. Unlike standard consumer electronics, its "parts" are divided into high-power mechanical components and low-voltage control electronics. --- ## 1. Core Component Categories The 3AP5-R is designed for voltage levels typically up to **145 kV**. Its electronic and electromechanical architecture is categorized as follows: | Component Type | Part Name | Function | | :--- | :--- | :--- | | **Actuator** | Spring-Drive Mechanism | Stores mechanical energy for opening/closing. | | **Control** | Shunt Release (Coils) | Converts electrical trigger signals into mechanical action. | | **Monitoring** | Density Monitor | Electronic sensor for SF6 gas pressure/temperature. | | **Auxiliary** | Auxiliary Switch | Provides feedback on the breaker's position (Open/Closed). | | **Safety** | Anti-Pumping Relay | Prevents repeated "hunting" if both open/close signals are active. | --- ## 2. Detailed Electronic & Control Parts ### A. The Trip and Close Coils (Solenoids) These are the primary interface between the electronic protection relays and the mechanical breaker. * **Trip Coil:** When a fault is detected, the protection relay sends a DC pulse to this coil, releasing the spring to open the contacts. * **Close Coil:** Receives the signal to energize the motor and close the circuit. ### B. SF6 Gas Density Monitor Since the 3AP5-R uses Sulfur Hexafluoride (SF6) for insulation, maintaining gas density is critical. * **Function:** An electronic temperature-compensated pressure switch. * **Output:** It provides dry contacts for "Alarm" (low gas) and "General Block" (critically low gas, preventing operation to avoid explosion). ### C. Motor for Spring Charging * **Type:** Universal AC/DC motor. * **Role:** After every closing operation, the motor automatically runs to tension the closing spring for the next cycle. It includes a limit switch to cut power once fully charged. ### D. Auxiliary Switches (Signaling) These are multi-contact blocks connected to the main drive shaft. They allow the control room to see the status of the breaker electronically. * **NO (Normally Open) Contacts:** Close when the breaker is closed. * **NC (Normally Closed) Contacts:** Close when the breaker is open. --- ## 3. Technical Specifications (Typical) ```yaml Model: Siemens 3AP5-R Rated_Voltage: Up to 145 kV Control_Voltage: 24V DC to 250V DC (Configurable) Mechanism_Type: FSC (Spring-Operated) Gas_Insulation: SF6 (Sulfur Hexafluoride) Operating_Cycles: 10,000 (Mechanical) ``` --- ## 4. Maintenance Electronic Parts When servicing the 3AP5-R, the following electronic sub-assemblies are often replaced or tested: 1. **Heating Elements:** Internal resistors used to prevent condensation in the control cabinet. 2. **Terminal Blocks:** High-density connection points for wiring to the substation automation system. 3. **Operation Counter:** An electromechanical or digital display showing the total number of operations.
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes of the 3AP5-R trip coils?
    • ⤷ How does the anti-pumping relay function within this circuit breaker?
    • ⤷ What is the specific maintenance interval for the SF6 density monitor?