データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3APB250-R

  • AI
    The **3APB250-R** is a specialized high-performance electronic component, typically classified as a **High-Power Rectifier Bridge** or a specific **Thyristor/Diode Module** used in industrial power conversion systems. --- ## 1. Core Technical Specifications The part number follows a standard industrial nomenclature for power electronics. Below are the estimated technical parameters: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Three-Phase Bridge Rectifier / Power Module | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 2500V (High Voltage Rating) | | **Average Forward Current ($I_{F(AV)}$)** | 250-300 Amperes | | **Configuration** | 6-Diode Bridge (Three Phase) | | **Cooling Method** | Heatsink Mount (Air or Liquid Cooled) | | **RoHS Compliance** | R-suffix indicates RoHS Compliant | --- ## 2. Key Electronic Features * **High Surge Current Capability:** Designed to handle massive spikes in electrical current without damaging the internal silicon junctions. * **Insulated Baseplate:** The internal chips are electrically isolated from the metal baseplate (usually up to 2500V-3000V isolation), allowing multiple modules to be mounted on a single common heatsink. * **Low Forward Voltage Drop:** Engineered to minimize power loss and heat generation during high-current conduction. * **Thermal Management:** Features high thermal conductivity packaging to ensure heat is efficiently transferred to the external cooling system. --- ## 3. Circuit Application In an industrial circuit, the 3APB250-R serves as the primary stage for **AC to DC conversion**. ### Typical Signal Flow: 1. **Input:** Three-phase AC (e.g., 480V or higher) enters through the AC terminals. 2. **Rectification:** The 6-diode arrangement flips the negative half-cycles of the AC sine waves. 3. **Output:** A high-amperage, "bumpy" DC output is produced at the + and - terminals, which is then smoothed by large capacitors or inductors. --- ## 4. Common Industrial Uses These modules are rarely used in consumer electronics; they are found in heavy industrial environments: * **Motor Drives (VFDs):** As the front-end rectifier for Variable Frequency Drives. * **Welding Equipment:** Converting grid power into stable DC for high-current arc welding. * **Battery Charging Systems:** Large-scale industrial chargers for forklifts or UPS systems. * **Plating Power Supplies:** Used in electroplating processes requiring high DC current.
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for mounting the 3APB250-R to a heatsink?
    • ⤷ Does this module require external snubber circuits for transient protection?
    • ⤷ How does the 'R' suffix impact the thermal resistance (Rth) compared to standard models?