データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3JS500-R

  • AI
    The **3JS500-R** typically refers to a high-performance **Fast-Acting Fuse** (specifically from the 3JS series by manufacturers like Bel Fuse). These components are critical for protecting sensitive electronic circuits from overcurrent conditions. --- ## 1. Technical Specifications The following table highlights the core electrical characteristics of the 3JS500-R: | Parameter | Specification | | :--- | :--- | | **Current Rating** | 500mA (0.5A) | | **Voltage Rating (AC)** | 350V | | **Voltage Rating (DC)** | 140V | | **Response Characteristic** | Fast-Acting / Quick Acting | | **Body Material** | Glass | | **Form Factor** | 2AG (5mm x 15mm) | | **Mounting Type** | Through-hole (Axial Leaded) | --- ## 2. Key Features The "R" suffix in the part number usually indicates **RoHS compliance**, meaning the part is manufactured without hazardous materials like lead. ### Speed and Protection As a **Fast-Acting** fuse, the 3JS500-R is designed to open (blow) very quickly when the current exceeds 500mA. Unlike "Slow-Blow" fuses, it has no intentional time delay, making it ideal for: * Protecting ICs (Integrated Circuits). * Sensitive semiconductor components. * Preventing fire in small power supplies. ### Physical Build * **Axial Leads:** The "R" variant often comes with wire leads soldered to the end caps, allowing it to be soldered directly onto a Printed Circuit Board (PCB) without a fuse holder. * **Glass Body:** Allows for visual inspection to see if the internal filament has melted. --- ## 3. Usage and Applications These parts are commonly found in the following electronic environments: 1. **Consumer Electronics:** Chargers, adapters, and small appliances. 2. **Industrial Equipment:** Control boards and instrumentation. 3. **Telecommunications:** Protection for line cards and networking gear. --- ## 4. Safety and Replacement Note When replacing a 3JS500-R, ensure the replacement matches both the **amperage (500mA)** and the **voltage rating (350V)**. Using a fuse with a lower voltage rating can cause an arc flash, failing to stop the current effectively.
    ✨ Follow-up Questions
    • ⤷What is the difference between the 3JS and 3JQ series fuses?
    • ⤷ Can a slow-blow fuse be used as a substitute for the 3JS500-R?
    • ⤷ How do I calculate the I2t rating for this specific fuse?