データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3SBP12-R

  • AI
    The **3SBP 12-R** is a specific type of electronic component, primarily known as a **Subminiature Pigtail Fuse**. It belongs to a class of fast-acting fuses designed for space-constrained circuit protection. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. General Specifications The "3SBP" series is typically manufactured by brands like **Bel Fuse Inc.** The suffix "12-R" denotes its current rating and compliance standards. | Feature | Specification | | :--- | :--- | | **Type** | Subminiature Pigtail Fuse | | **Current Rating** | 12 Amperes (12A) | | **Voltage Rating** | 250V AC / 125V DC (typical) | | **Speed/Characteristic** | Slow Blow (Time Delay) | | **Material** | Glass or Ceramic Body with Tin-plated Copper Leads | | **RoHS Compliant** | Yes (indicated by the "-R" suffix) | --- ### 2. Physical Construction The **3SBP** series is designed for permanent installation rather than being placed in a removable clip. * **Pigtail Leads:** The "SBP" designation indicates that the fuse has axial leads (wires coming out of both ends). This allows the fuse to be soldered directly onto a Printed Circuit Board (PCB). * **Dimensions:** These are "subminiature," usually measuring approximately **3.6mm x 10mm**, making them significantly smaller than standard 5x20mm glass fuses. * **Encapsulation:** The internal fuse element is encased in a glass tube, which allows for visual inspection to see if the fuse has blown. --- ### 3. Functional Characteristics The **12-R** variant is designed for high-current applications within a small footprint. 1. **Time Delay (Slow Blow):** Unlike "Fast Acting" fuses, this component can withstand temporary current surges (inrush current) without blowing immediately. This is crucial for devices like motors or power supplies that draw a lot of power for a fraction of a second when turned on. 2. **Interrupting Rating:** This refers to the maximum current the fuse can safely stop without physically exploding or arcing. 3. **Resistance:** At 12A, the internal resistance is kept very low to minimize voltage drop across the component. --- ### 4. Common Applications Due to its small size and pigtail design, it is found in: * **Power Supplies:** Protecting the primary side of AC/DC converters. * **Industrial Controllers:** Where space is at a premium on the PCB. * **Consumer Electronics:** Chargers, LED drivers, and large appliances. * **Battery Chargers:** High-current protection for charging circuits. --- ### 5. Part Number Breakdown * **3SB:** Series name (Subminiature Time-Delay). * **P:** Pigtail (Axial Leads). * **12:** 12 Ampere rating. * **-R:** RoHS (Restriction of Hazardous Substances) compliant.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 3SBP series and the standard 3SB series?
    • ⤷ Can this fuse be replaced with a standard 5x20mm fuse in an emergency?
    • ⤷ What are the soldering temperature requirements for pigtail fuses to avoid damaging the element?