データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 3SMS-1-R

  • AI
    The **3SMS-1-R** is a specific electronic component belonging to the family of **Surface Mount (SMD) Slide Switches**. These are commonly used in compact electronic devices to allow users to toggle between different circuit states. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Technical Specifications The "3SMS" series typically follows industry-standard footprints for sub-miniature switches. | Feature | Specification (Typical) | | :--- | :--- | | **Switch Type** | Slide Switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Contact Rating** | 0.4 VA max @ 20V AC/DC (Logic Level) | | **Actuator Type** | Standard Slide (Side or Top Actuated) | | **Orientation** | Right Angle or Vertical (Model dependent) | | **Operating Temperature** | -30°C to +85°C | --- ### 2. Physical Construction The part is designed for automated assembly processes and high durability. * **Housing:** High-temperature plastic (Liquid Crystal Polymer or Nylon) capable of withstanding **reflow soldering** temperatures. * **Contacts:** Usually gold-plated over nickel. Gold is used because these switches often operate at "logic levels" (low voltage/current), where preventing oxidation is critical for signal integrity. * **Terminals:** Copper alloy with tin plating for excellent solderability. * **Seal:** Many versions feature an internal O-ring or epoxy seal to protect contacts from flux and cleaning solvents during the PCB manufacturing process. --- ### 3. Functional Operation The **SPDT (Single Pole Double Throw)** configuration means the switch has one common terminal and two selectable output terminals. 1. **Position A:** Connects Pin 1 (Common) to Pin 2. 2. **Position B:** Connects Pin 1 (Common) to Pin 3. This makes it ideal for "On-On" functions or selecting between two different modes of operation in a circuit. --- ### 4. Common Applications Due to its small footprint and SMD nature, the 3SMS-1-R is found in: * **Handheld Electronics:** Power switches for small gadgets. * **Telecommunications:** Mode selection (e.g., switching between frequency bands). * **Instrumentation:** On-board configuration switches (similar to a DIP switch but for user interaction). * **Medical Devices:** Small portable diagnostic tools. --- ### 5. Soldering & Handling * **Reflow Soldering:** Designed to meet JEDEC standards for lead-free reflow. * **Tape and Reel:** Usually supplied in embossed tape packaging for high-speed "Pick and Place" machines.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SPDT and DPDT slide switches?
    • ⤷ Can the 3SMS-1-R handle high current power applications?
    • ⤷ What are the footprint dimensions for the 3SMS series on a PCB?