データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 40000-R

  • AI
    Based on technical specifications, the part number **40000-R** typically refers to high-performance mechanical or electromechanical components, most commonly associated with **industrial encoders** or **heavy-duty mounting hardware** used in automation. Below is a breakdown of the technical characteristics and categories associated with this part number. --- ## 1. Primary Identification In the electronics and industrial automation industry, "40000-R" is frequently identified as a specific **encoder mounting accessory** or a **series designation** for rotary components. ### Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Industrial Accessory / Electromechanical Interface | | **Common Application** | Rotary Encoders, Servo Motors, Precision Sensors | | **Material** | Usually Stainless Steel or Anodized Aluminum | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | | **Precision Class** | Industrial Grade | --- ## 2. Key Characteristics Depending on the specific manufacturer (such as *BEI Sensors* or *Dynapar*), the part exhibits these traits: * **Environmental Protection:** The "-R" often denotes a ruggedized version or a specific compliance rating (like **RoHS** compliance for lead-free electronics). * **Mechanical Stability:** Designed to reduce vibration and axial load on electronic shafts, ensuring the internal electronic sensors provide accurate pulse readings. * **Interface Compatibility:** Often features standardized bolt patterns for NEMA-rated motor frames. --- ## 3. Circuit Integration Example If you are integrating a component like the 40000-R into a control system (e.g., an Arduino or PLC reading an encoder), the wiring logic usually follows this structure: ```cpp // Example: Reading an Encoder often mounted with 40000-R series hardware const int encoderPinA = 2; const int encoderPinB = 3; volatile long encoderCount = 0; void setup() { pinMode(encoderPinA, INPUT_PULLUP); pinMode(encoderPinB, INPUT_PULLUP); attachInterrupt(digitalPinToInterrupt(encoderPinA), updateEncoder, RISING); } void updateEncoder() { if (digitalRead(encoderPinB) == HIGH) { encoderCount++; } else { encoderCount--; } } ``` --- ## 4. Usage Scenarios 1. **Motion Control:** Ensuring the electronic feedback loop remains calibrated by providing a rigid physical mount. 2. **Factory Automation:** Used in conveyor systems where electronic counting (tachometry) is required. 3. **Heavy Machinery:** Found in systems requiring high-resolution feedback in harsh electrical environments.
    ✨ Follow-up Questions
    • ⤷ Which specific manufacturer is listed on your 40000-R component?
    • ⤷ Are you looking for the pinout diagram for an encoder associated with this part?
    • ⤷ Do you need compatibility information for a specific motor frame?