データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 407MDCL450KFG

  • AI
    The part number **407MDCL450KFG** refers to a high-performance **Aluminum Electrolytic Capacitor**, specifically designed for power electronics applications. It is manufactured by **Illinois Capacitor** (a brand under Cornell Dubilier - CDE). ### 1. Technical Specifications The table below summarizes the core electrical and physical characteristics: | Characteristic | Specification | | :--- | :--- | | **Capacitance** | 400 µF (Microfarads) | | **Tolerance** | ±10% | | **Voltage Rating (WVDC)** | 450 VDC | | **Mounting Type** | Chassis Mount / Screw Terminal | | **Technology** | Aluminum Electrolytic | | **Operating Temperature** | -40°C to +85°C | | **Termination** | Screw Terminals (Metal Stud/Bolt) | --- ### 2. Detailed Breakdown of Part Attributes #### A. Capacitance and Voltage With a rating of **400 µF** and **450V**, this capacitor is built to store a significant amount of energy. The 450V rating makes it suitable for applications involving rectified AC line voltages (typically 230V mains rectified to ~325V-400V DC). #### B. The "MDCL" Series The MDCL series is known for: * **High Ripple Current:** Ability to handle significant AC current superimposed on the DC voltage without overheating. * **Long Life:** Designed for high reliability in industrial environments. * **Metal Case:** The "FG" suffix often denotes the physical package size and lead/terminal configuration (Flat bottom or Stud mount). #### C. Physical Construction * **Form Factor:** Cylindrical "Can" type. * **Terminals:** It uses heavy-duty screw terminals to ensure a secure, low-resistance connection, which is vital for high-current power paths. --- ### 3. Common Applications Due to its high voltage and energy density, the 407MDCL450KFG is typically used in: 1. **Variable Frequency Drives (VFDs):** Acting as a DC link capacitor to smooth the rectified DC voltage. 2. **Uninterruptible Power Supplies (UPS):** Energy storage for emergency power conversion. 3. **Solar Inverters:** Filtering and stabilizing the DC output from solar panels before inversion to AC. 4. **Welding Equipment:** Handling the high-energy pulse requirements of industrial welders. --- ### 4. Safety and Maintenance * **Polarity:** This is a polarized component. Connecting it with reversed polarity will lead to catastrophic failure (venting or explosion). * **Discharge:** Given the 450V rating and 400µF capacity, this capacitor can hold a lethal charge long after power is disconnected. Always use a discharge resistor before handling.
    ✨ Follow-up Questions
    • ⤷What is the expected service life of the MDCL series at 85°C?
    • ⤷ Are there equivalent alternatives from other manufacturers like Nichicon or TDK?
    • ⤷ How do I calculate the ripple current limit for this specific model?