データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 40DPT-V5-R

  • AI
    The **40DPT-V5-R** typically refers to a specialized **Differential Pressure Transmitter** (or sensor module), frequently used in HVAC systems, industrial automation, and medical equipment for precise air or gas pressure measurement. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Key Technical Specifications The "40DPT" series generally follows a standard set of electronic parameters optimized for low-pressure environments. | Feature | Description | | :--- | :--- | | **Sensor Type** | Piezoresistive Silicon Pressure Sensor | | **Output Signal** | Analog (0-10V or 4-20mA) or Digital (RS485/Modbus) | | **Supply Voltage** | Usually 24V AC/DC (±10%) | | **Pressure Range** | Typically 0 to 2500 Pa (varies by sub-model) | | **Accuracy** | ±1.0% to ±1.5% of Full Scale | | **Response Time** | 0.5s to 2s (Selectable via jumpers/DIP switches) | --- ### 2. Internal Electronic Components The device is composed of several critical electronic stages to ensure signal integrity: 1. **Sensing Element:** A micro-machined silicon diaphragm with integrated strain gauges. When pressure differs between the two ports, the diaphragm deflects, changing its electrical resistance. 2. **ASIC (Application Specific Integrated Circuit):** This chip performs signal conditioning, including temperature compensation and linearization of the raw millivolt signal from the sensor. 3. **Signal Output Stage:** Converts the processed data into an industry-standard format (e.g., a 0-10V voltage signal) to communicate with a PLC or Building Management System (BMS). 4. **DIP Switches/Jumpers:** These physical electronic toggles allow the user to manually set the measurement range (e.g., switching from 0-100 Pa to 0-500 Pa) or adjust the response damping. --- ### 3. Wiring and Connectivity The "R" in the suffix often denotes a **Relay output** or a specific **Resistance/Output configuration**. Standard terminal connections include: * **V+ / G0:** Power supply (Positive/Hot). * **GND / COM:** Common ground. * **OUT:** The analog output signal for pressure levels. * **Relay Terminals (If applicable):** Dry contacts that trigger an alarm if a specific pressure threshold is crossed (e.g., a "clogged filter" alert). --- ### 4. Application Logic The electronic logic of the 40DPT-V5-R is designed to monitor the **pressure drop** across a medium. ```mermaid graph LR A[High Pressure Port] --> B(Sensor Diaphragm) C[Low Pressure Port] --> B B --> D{ASIC Processing} D --> E[Analog Output 0-10V] D --> F[Relay Alarm Output] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific jumper settings for changing the pressure range on this model?
    • ⤷ How do I calibrate the zero-point on a 40DPT series sensor?
    • ⤷ What is the difference between the V5 and previous V4 versions of this hardware?