データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 40ISC

  • AI
    It appears you are inquiring about the **40ISC** series, which typically refers to **Intelligent Smart Controllers** or specific **Inrush Current Limiters (NTC Thermistors)** depending on the manufacturer (such as Ametherm or industrial automation brands). Below is an overview of the electronic components and technical specifications associated with the 40ISC series, primarily focusing on its application in power protection and current management. --- ### 1. Component Overview: Inrush Current Limiters (NTC) In many electronic contexts, "40ISC" refers to a high-power NTC (Negative Temperature Coefficient) thermistor used to protect circuits from high initial current surges. | Feature | Specification (Typical) | | :--- | :--- | | **Resistance at 25°C** | Varies (e.g., 1.0Ω to 10Ω) | | **Max Steady State Current** | Up to 40 Amperes | | **Material** | Metal Oxide Ceramic | | **Coating** | Silicone or Epoxy Resin | | **Leads** | Radial Lead (usually heavy gauge copper) | ### 2. Key Electronic Functions The 40ISC series components perform three primary roles within a circuit: * **Surge Suppression:** At startup, the device has a high resistance, limiting the "inrush" of electricity that could blow fuses or damage capacitors. * **Thermal Regulation:** As current flows, the part heats up, causing its resistance to drop significantly (the "Negative Temperature" effect), allowing power to flow with minimal loss. * **Protection:** It acts as a sacrificial or protective barrier for bridge rectifiers and filter capacitors in high-power supplies. ### 3. Applications in Industry These parts are commonly found in high-draw electronic systems: 1. **Switch Mode Power Supplies (SMPS):** Preventing breaker trips when charging large input capacitors. 2. **Motor Drives:** Handling the high starting torque current of AC/DC motors. 3. **Transformers:** Limiting the magnetizing inrush current during power-up. 4. **Inverters:** Used in solar and wind energy systems to stabilize power entry. ### 4. Technical Comparison: 40ISC vs. Standard NTCs | Attribute | Standard NTC | 40ISC Series | | :--- | :--- | :--- | | **Current Capacity** | Low (1A - 5A) | High (Up to 40A) | | **Heat Dissipation** | Moderate | Superior (designed for industrial heat) | | **Physical Size** | Small (5mm - 10mm) | Large (approx. 30mm diameter) | --- ### 5. Implementation Example (Basic) ```cpp // Logic for an Electronic Soft-Start using a Controller if (PowerOn == HIGH) { // Current flows through 40ISC Thermistor // Resistance drops as temperature increases delay(500); // Wait for stabilization // Bypass relay may kick in to increase efficiency } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating in Joules for a 40ISC thermistor?
    • ⤷ How do you calculate the required resistance for an inrush current limiter?
    • ⤷ Can a 40ISC part be used in parallel to increase current capacity?