データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 410-R2

  • AI
    The **410-R2** is a specific iteration of a high-performance differential pressure transducer, commonly used in industrial automation and HVAC systems. Below is a breakdown of its core electronic components and functional specifications. ### 1. Core Component Breakdown | Component | Description | Function | | :--- | :--- | :--- | | **Piezoresistive Sensor** | Silicon-based diaphragm | Detects physical pressure changes and converts them into micro-volt signals. | | **ASIC (Application Specific IC)** | Signal Conditioner | Amplifies the raw sensor data and performs temperature compensation. | | **Zero/Span Potentiometers** | Adjustable Resistors | Allows manual calibration of the base (zero) and maximum (span) output levels. | | **Terminal Block** | 3-wire or 2-wire interface | Provides the physical connection point for power and signal output. | | **Voltage Regulator** | Internal LDO | Ensures a stable internal voltage despite fluctuations in the external DC power supply. | --- ### 2. Technical Specifications The electronics are designed to operate within a specific range to ensure accuracy and longevity: * **Supply Voltage:** Typically 18-30 VDC or 24 VAC. * **Output Signal:** Usually 0-10 VDC or 4-20 mA (depending on the specific jumper settings). * **Accuracy:** ±1% to ±0.25% Full Scale (FS). * **Enclosure Rating:** Often NEMA 4 / IP65 to protect the sensitive PCB from moisture and dust. ### 3. Electronic Features 1. **Temperature Compensation:** The internal circuitry includes thermistors to counteract "thermal drift," ensuring the pressure reading remains accurate even if the ambient temperature changes. 2. **Reverse Polarity Protection:** Prevents the internal electronics from burning out if the positive and negative power wires are accidentally swapped. 3. **Low Noise Filtering:** Includes capacitors and inductors to filter out Electromagnetic Interference (EMI) from nearby heavy machinery or motors. --- ### 4. Typical Wiring Diagram (3-Wire System) ```text [ Power Source (+) ] ----> [ +V Terminal ] [ Common / Ground ] ----> [ COM Terminal ] [ Output Signal ] <---- [ SIG Terminal ] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific jumper settings for switching between 0-10V and 4-20mA?
    • ⤷ How do I perform a manual zero-point calibration on this unit?
    • ⤷ Is the 410-R2 compatible with AC power supplies?