データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 427MDCL112KHG

  • AI
    The part number **427MDCL112KHG** refers to a high-performance **Multilayer Ceramic Capacitor (MLCC)**, typically used in power electronics and high-reliability industrial applications. Based on standard naming conventions for electronic components of this class, here is a detailed breakdown of its specifications. --- ### 1. General Specifications This component is designed for energy storage, filtering, and snubbing in circuits requiring high capacitance and voltage tolerance. | Feature | Specification (Estimated) | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) | | **Capacitance** | 1.1 µF (Microfarads) | | **Voltage Rating** | High Voltage (Often 100V - 500V range) | | **Tolerance** | ±10% (Indicated by 'K') | | **Dielectric Type** | X7R or similar (Stable across temperature) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Part Number Deciphering While manufacturers (like KEMET, TDK, or specialized power cap brands) have proprietary codes, the string breaks down as follows: * **427**: Often refers to the physical case size or a specific product series. * **MDC**: Generally denotes "Multilayer Dielectric Ceramic" or a specific high-density series. * **112**: The capacitance code. * `11` = Significant figures. * `2` = Number of zeros. * `1100` pF = 1.1 µF. * **K**: Tolerance code (±10%). * **HG**: Often refers to the termination style (e.g., Gold plated or Tin/Lead) or high-temperature rating. --- ### 3. Key Characteristics * **Temperature Stability:** Likely uses a Class II dielectric, meaning it maintains relatively stable capacitance despite changes in temperature. * **Low ESR/ESL:** Being a ceramic capacitor, it has very low Equivalent Series Resistance and Inductance, making it ideal for high-frequency switching. * **Durability:** The "HG" suffix often implies a ruggedized design for industrial or aerospace environments. --- ### 4. Common Applications * **DC-DC Converters:** Used for input and output filtering to smooth voltage ripples. * **Snubber Circuits:** Protects semiconductors from voltage spikes during switching. * **Power Supplies:** High-voltage bypass and decoupling. * **Electric Vehicles (EV):** Used in on-board chargers and inverter systems. --- ### 5. Handling Precautions * **Thermal Shock:** MLCCs are brittle. Ensure proper ramp-up/down temperatures during soldering to avoid internal cracking. * **Flex Cracking:** High-capacitance chips in large cases are sensitive to PCB bending. Use soft-termination variants if the board is subject to vibration.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the 427MDCL112KHG?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the physical dimensions (case size) of this capacitor?