データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 427MDCL112KHH

  • AI
    Based on the part number **427MDCL112KHH**, this component is a high-performance **Metallized Polypropylene Film Capacitor**, typically used in power electronics and DC-Link applications. --- ### 1. Technical Specifications Table The following table breaks down the likely technical parameters based on the standard nomenclature for this series of capacitors: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 1,100 µF (1.1 mF) | | **Voltage Rating** | 1,200 VDC (Approx.) | | **Tolerance** | ±10% (K Code) | | **Dielectric Material** | Metallized Polypropylene Film | | **Technology** | DC-Link / Power Electronic | | **Mounting Type** | Screw Terminals / Modular | --- ### 2. Part Number Breakdown While manufacturer codes can vary slightly (often associated with brands like **ICEL** or specialized film capacitor makers), the alphanumeric string typically decomposes as follows: * **427**: Often refers to the series or physical housing dimensions. * **MDC**: Generally stands for **M**etallized **D**C-Link **C**apacitor. * **L**: May indicate lead style or specific temperature rating. * **112**: The capacitance value in picofarads (pF) using the standard 3-digit code. `11` followed by `2` zeros = 1,100 µF. * **K**: Tolerance code, representing **±10%**. * **HH**: Specific internal factory codes related to terminal style or voltage rating (often 1200V range). --- ### 3. Key Applications These parts are designed for heavy-duty filtering and energy storage. Common use cases include: 1. **Renewable Energy**: Inverters for solar power and wind turbines to smooth the DC bus voltage. 2. **Electric Vehicles (EV)**: Used in the motor drive inverter to manage high-current ripples. 3. **Industrial Drives**: Large Variable Frequency Drives (VFDs) and UPS systems. 4. **Welding Equipment**: Energy discharge and filtering in high-power welding units. --- ### 4. Advantages of this Component * **Self-Healing Properties**: If a dielectric breakdown occurs, the metallized layer evaporates around the point of failure, allowing the capacitor to continue functioning. * **High Ripple Current Handling**: Capable of managing significant AC currents superimposed on the DC voltage. * **Low ESR/ESL**: Low Equivalent Series Resistance and Inductance ensure minimal heat generation and fast response times.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 427MDCL series?
    • ⤷ How does a DC-Link capacitor differ from a standard electrolytic capacitor?
    • ⤷ What are the recommended mounting torque specs for these terminals?