データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 429-R

  • AI
    The **429-R** typically refers to a high-reliability, electromechanical **TO-5 Relay** designed for military and aerospace applications. It is frequently manufactured by brands like **Teledyne Relays**. --- ### 1. Key Technical Specifications The 429-R is part of the "established reliability" series. It is designed to perform switching functions in extreme environments where vibration, shock, and temperature are factors. | Feature | Specification (Typical) | | :--- | :--- | | **Contact Arrangement** | DPDT (2 Form C) | | **Coil Voltage** | 5V, 12V, or 26.5V DC (depending on specific dash number) | | **Package Type** | TO-5 Can (Metal Header) | | **Contact Rating** | 1.0 Amp at 28 Vdc | | **Life Cycle** | 100,000 operations at rated load | | **Standards** | Qualified to MIL-PRF-39016 | --- ### 2. Core Electronic Components The internal construction of a 429-R relay consists of several critical sub-parts: 1. **Electromagnetic Coil:** A precision-wound copper coil that creates the magnetic field required to actuate the armature. 2. **Internal Diode (The "R" Suffix):** The "R" in 429-R usually signifies the inclusion of an **internal silicon diode** for transient suppression. This protects surrounding sensitive circuitry from "flyback" voltage when the coil is de-energized. 3. **Gold-Plated Contacts:** The switching contacts are typically gold-plated to ensure low contact resistance and prevent oxidation over long periods of inactivity. 4. **Bifurcated Contacts:** Many models use a "split" contact design to increase reliability; if one path fails, the other maintains the connection. 5. **Glass-to-Metal Seal:** The pins are insulated from the metal header using high-compression glass, ensuring the internal components are hermetically sealed against moisture. --- ### 3. Application Use Cases Because of its ruggedness, the 429-R is not found in standard consumer electronics. Instead, it is used in: * **Avionics:** Flight control systems and cockpit instrumentation. * **Satellite Systems:** Signal switching in vacuum environments. * **Test Equipment:** Precision RF switching and medical diagnostic tools. * **Military Radios:** Switching between transmit and receive paths. --- ### 4. Circuit Diagram Example When integrating the 429-R into a PCB layout, the pinout follows a standard TO-5 circular pattern. ```text Top View (Pinout) (8) (1) (7) (2) (6) (3) (5) (4) Pins 1 & 8: Coil Connections (Includes suppression diode) Pins 2, 3, 4: Pole 1 (Common, NC, NO) Pins 5, 6, 7: Pole 2 (Common, NC, NO) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 429-R and the standard 412 series relay?
    • ⤷ How does the internal diode protect the driving transistor?
    • ⤷ What are the specific environmental ratings for MIL-PRF-39016 relays?