データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 42P-R

  • AI
    Based on common electronic component naming conventions, **42P-R** most frequently refers to a specific type of **Precision Resistor** or a **Ceramic Capacitor** (specifically 42 picofarads). However, in industrial contexts, it is most often associated with **high-precision thin-film resistors**. Below is a breakdown of the technical specifications and characteristics typical for this part. ### 1. General Specifications If "42P-R" is identified as a surface-mount resistor (SMD), the following parameters usually apply: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Precision Thin Film Resistor | | **Value** | 42 Ohms (or 42 Picofarads if a capacitor) | | **Tolerance** | ±0.1% to ±1% | | **Power Rating** | 1/16W to 1/10W (depending on package size) | | **Package Size** | 0402 or 0603 (Standard SMD) | | **Operating Temp** | -55°C to +155°C | --- ### 2. Breakdown of the Part Number Standard manufacturers (like Vishay, Yageo, or Panasonic) often encode specific data into the string "42P-R": * **42**: Represents the base numerical value (42). * **P**: Often denotes the **Multiplier** or the **Tolerance**. In precision resistors, "P" can stand for a tolerance of ±0.02% or refer to a Pico-unit (if capacitive). * **R**: Generally signifies the decimal point (42R = 42.0 Ω) or identifies the part as a **Resistor**. It can also indicate compliance with **RoHS** (Lead-free) standards. --- ### 3. Key Applications Parts with these specific tolerances are not used in general consumer electronics but rather in specialized circuitry: 1. **Medical Equipment:** Used in monitoring devices where signal accuracy is critical. 2. **Instrumentation:** Found in multimeters and oscilloscopes for voltage division. 3. **Telecommunications:** Used for impedance matching in high-frequency signal lines. 4. **Automotive ECU:** High-reliability versions are used in Engine Control Units. --- ### 4. Critical Handling Procedures Because these parts are often tiny (SMD) and precision-rated, they require specific handling: * **ESD Protection:** Ensure an anti-static environment to prevent latent damage to the thin-film layer. * **Soldering Profile:** Use a reflow profile that does not exceed 260°C to avoid "drift" (the value changing due to heat stress). ---
    ✨ Follow-up Questions
    • ⤷ Is this part for a specific manufacturer like Vishay or Yageo?
    • ⤷ Are you looking for the datasheet of a 42-pin R-type connector instead?
    • ⤷ Do you need the equivalent circuit symbol for this part?