データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 43212-R

  • AI
    The part number **43212-R** is typically associated with automotive electronic components, specifically **Wheel Spindle / Steering Knuckle** assemblies that often house critical electronic sensors for modern braking systems. Below is a breakdown of the electronic and mechanical integration of this part: ### 1. Component Overview In most automotive catalogs (notably Honda/Acura), the "43212" prefix refers to the **Rear Right (Passenger Side) Steering Knuckle** or **Spindle**. The suffix "-R" generally denotes the specific revision or the orientation (Right). ### 2. Electronic Integration While the knuckle itself is a cast metal component, it serves as the mounting hub for several critical electronic parts: | Electronic Component | Function | Connection Type | | :--- | :--- | :--- | | **ABS Wheel Speed Sensor** | Monitors the rotational speed of the wheel to prevent skidding. | 2-pin Electrical Connector | | **TPMS (Indirect)** | Uses wheel speed data to calculate tire pressure fluctuations. | Software-based (via ABS) | | **ESC / VSA Sensors** | Provides data to the Electronic Stability Control system to apply individual brakes. | High-speed CAN Bus | | **Electronic Parking Brake (EPB)** | The knuckle often features mounts for the EPB actuator motor. | 12V Power Actuator | --- ### 3. Technical Specifications If you are looking for the technical housing capabilities of the **43212-R**, see the table below: | Feature | Specification | | :--- | :--- | | **Material** | Ductile Iron or Aluminum Alloy | | **Sensor Port** | Machined hole for magnetic pickup (Hall Effect Sensor) | | **Bearing Type** | Compatible with Hub Units containing integrated magnetic encoder rings | | **Mounting** | 4-bolt or Press-fit for electronic hub units | --- ### 4. Common Failure Modes Affecting Electronics If the 43212-R unit is damaged or corroded, it can lead to electronic system failures: * **Sensor Misalignment:** Corrosion in the sensor mounting hole can push the ABS sensor too far from the tone ring, causing a "No Signal" error. * **Wheel Bearing Failure:** If the integrated electronic encoder ring in the bearing (housed in the 43212-R) fails, it will trigger ABS, Traction Control, and Brake warning lights. * **Grounding Issues:** In some vehicles, the knuckle acts as a chassis ground for certain localized components; heavy oxidation can disrupt this path.
    ✨ Follow-up Questions
    • ⤷ How do I test if the ABS sensor mounted on the 43212-R is faulty?
    • ⤷ Is the 43212-R interchangeable between the left and right sides of the vehicle?
    • ⤷ What are the torque specifications for the electronic hub assembly attached to this part?