データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4336-R

  • AI
    The term **4336-R** most commonly refers to the **Laird Connectivity (formerly LSR) Sterling-LWB™** series, which is a high-performance 2.4 GHz Wi-Fi and Bluetooth module based on the **Infineon (Cypress) CYW43362** chipset. --- ## 1. Core Chipset Overview The heart of the 4336-R module is the **CYW43362** Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio. ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Wi-Fi Standard** | IEEE 802.11b/g/n | | **Bluetooth Standard** | Bluetooth 4.1 (Classic and BLE) | | **Interface (Wi-Fi)** | SDIO (Secure Digital Input Output) | | **Interface (Bluetooth)** | UART | | **Frequency Band** | 2.4 GHz | | **Operating Voltage** | 3.0V to 3.6V | --- ## 2. Key Internal Components The 4336-R architecture integrates several critical electronic components into a single surface-mount package: ### A. Radio Frequency (RF) Front-End * **Power Amplifier (PA):** Boosts the signal for transmission. * **Low Noise Amplifier (LNA):** Increases the sensitivity for receiving weak signals. * **Internal Switch:** Manages the switching between transmit (TX) and receive (RX) modes. ### B. Power Management Unit (PMU) The module contains internal Low-Dropout Regulators (LDOs) and a switching regulator to derive necessary internal voltages from a single 3.3V supply, simplifying the external circuit design. ### C. Clock Generation It typically requires an external sleep clock (32.768 kHz) but manages high-frequency timing via an internal fractional-N synthesizer integrated within the silicon. --- ## 3. Integration & Hardware Design When designing a PCB for the 4336-R, the following hardware considerations are critical: ### Pinout Configuration * **SDIO Pins:** Used for high-speed data transfer with the host processor (e.g., an STM32 or i.MX RT). * **GPIOs:** Used for wake-up signals and status LEDs. * **Antenna Port:** The "R" in some variants refers to a specific antenna configuration (like a U.FL connector or a trace antenna). ### Implementation Requirements ```c /* Software Initialization Example (Pseudo-code) */ void wifi_init() { power_on_module(GPIO_PIN_4336); // Toggle PDN/Reset pin sdio_detect_card(); // Initialize SDIO bus load_firmware("43362-roml.bin"); // Upload patch to internal RAM } ``` --- ## 4. Application Use Cases Because of its small footprint and low power consumption, the 4336-R is used in: * **Industrial IoT:** Wireless sensors and gateways. * **Medical Devices:** Portable monitoring equipment. * **Smart Home:** Connected appliances and thermostats.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels of the 4336-R in sleep mode?
    • ⤷ Does the 4336-R support WPA3 security protocols?
    • ⤷ What is the difference between the SiP and the certified module versions?