データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 43MA-R

  • AI
    The **43MA-R** generally refers to a specific series of **Metal Oxide Varistors (MOVs)**, which are passive electronic components used for circuit protection. These parts are primarily designed to protect sensitive electronics against voltage surges and transient spikes. --- ### 1. Fundamental Function A varistor is a voltage-dependent resistor with a non-linear conductivty. - **Under normal voltage:** The device has a very high resistance and acts as an open circuit. - **During a surge:** When the voltage exceeds the "clamping voltage," the resistance drops instantly, diverting the excess current to the ground and protecting the downstream components. ### 2. Technical Specifications While exact values depend on the specific manufacturer (often associated with brands like **LittelFuse** or **Bourns**), the "43" usually relates to the nominal varistor voltage. | Parameter | Typical Description | | :--- | :--- | | **Type** | Metal Oxide Varistor (MOV) | | **Nominal Varistor Voltage** | Approximately 43V (at 1mA DC) | | **Maximum AC Voltage** | ~25V - 30V RMS | | **Maximum DC Voltage** | ~35V - 38V | | **Clamping Voltage** | The maximum voltage seen by the circuit during a spike (~70V-80V) | | **Energy Rating (Joules)** | Varies by disk size (e.g., 0.5J to 5J) | --- ### 3. Physical Construction The "R" suffix often indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the part is lead-free. - **Material:** Zinc Oxide (ZnO) grains with other metal oxides. - **Form Factor:** Usually a radial leaded disc (resembling a ceramic capacitor but typically larger and coated in blue or red epoxy). - **Mounting:** Through-hole PCB mounting. ### 4. Common Applications Due to the relatively low voltage rating (43V), these are not used for AC mains (110V/220V). Instead, they are found in: 1. **Low Voltage DC Power Supplies:** Protecting 12V or 24V bus lines. 2. **Automotive Electronics:** Safeguarding sensors and control units from "load dump" transients. 3. **Telecommunications:** Protecting data lines from induced atmospheric surges. 4. **Control Circuits:** Industrial PLCs and automation logic boards. --- ### 5. Symbol and Identification In a circuit diagram, the 43MA-R is represented by a resistor symbol with a diagonal line ending in a "hook": ```text / ---[ ]--- / ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a Varistor and a TVS Diode for surge protection?
    • ⤷ How do I calculate the correct energy rating (Joules) for a varistor?
    • ⤷ Can a 43MA-R be used in series
    • ⤷ or is it strictly a parallel component?