データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 441-R

  • AI
    The **441-R** typically refers to a high-performance **Standard Servo Motor** (often the HS-441-R variant) commonly used in robotics, radio-controlled vehicles, and industrial automation. Below is an explanation of its electronic components and specifications. --- ### 1. Internal Electronic Components The 441-R is a closed-loop system consisting of four primary internal parts: | Component | Function | | :--- | :--- | | **DC Motor** | Converts electrical energy into mechanical rotation. | | **Potentiometer** | A variable resistor linked to the output shaft that provides position feedback to the controller. | | **Control Circuit (PCB)** | The "brain" that compares the target PWM signal with the current position from the potentiometer. | | **Gear Train** | Reduces speed and increases torque (usually metal or high-impact resin). | --- ### 2. Electrical Specifications While specific brands (like Hitec) may vary slightly, the standard 441-R follows these general parameters: * **Operating Voltage:** 4.8V to 6.0V DC. * **Current Draw:** * *Idle:* ~8mA * *Operating:* 150mA - 400mA * *Stall:* Up to 800mA+ (under heavy load). * **Signal Type:** PWM (Pulse Width Modulation). * **Pulse Cycle:** 20ms (50Hz frequency). * **Pulse Width:** Typically 900µs (0°) to 2100µs (180°). --- ### 3. Pinout and Wiring The 441-R uses a standard 3-pin connector. The wiring colors usually follow this convention: | Color | Label | Description | | :--- | :--- | :--- | | **Black / Brown** | GND | Ground / Negative terminal. | | **Red** | VCC | Positive Power Supply (4.8V - 6V). | | **Yellow / White** | Signal | PWM Input signal from the microcontroller. | --- ### 4. Operating Logic The electronic control board operates on a **PID (Proportional-Integral-Derivative)** or simplified error-checking logic: 1. **Input:** Receives a pulse every 20ms. 2. **Comparison:** It compares the duration of that pulse to the resistance value of the internal potentiometer. 3. **Correction:** If there is a difference (error), the H-bridge circuit on the PCB sends power to the DC motor to rotate it until the potentiometer matches the input signal. --- ### Summary Table: Key Features | Feature | Detail | | :--- | :--- | | **Connector Type** | Universal (JR/Futaba compatible) | | **Dead Band Width** | 8us (Typical) | | **Rotation Angle** | 180 Degrees (Standard) | | **Torque** | ~3.0 - 4.1 kg-cm |
    ✨ Follow-up Questions
    • ⤷ How do I interface the 441-R servo with an Arduino or Raspberry Pi?
    • ⤷ What is the difference between the 441-R and a continuous rotation servo?
    • ⤷ How do I calculate the power supply requirements for multiple 441-R servos?