データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 4411-R2

  • AI
    The **4411-R2** generally refers to a specific series of **N-Channel Enhancement Mode MOSFETs** (Metal-Oxide-Semiconductor Field-Effect Transistors), often produced by manufacturers like Alpha & Omega Semiconductor (as the AO4411, though AO4411 is P-channel, the R2 suffix often denotes specific packaging or reel revisions for the **AO4411** or similar N-channel variants like the **AO4407/AO4410** series). Below is a technical breakdown of the electronic characteristics typical of this component class. --- ### 1. Technical Specifications The following table outlines the typical absolute maximum ratings for a 4411-R2 N-Channel MOSFET (standard SOP-8 package): | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | Drain-Source Voltage | $V_{DS}$ | 30 | V | | Gate-Source Voltage | $V_{GS}$ | ±20 | V | | Continuous Drain Current | $I_D$ | 8.0 - 15.0 | A | | Pulsed Drain Current | $I_{DM}$ | 40 - 60 | A | | Power Dissipation ($T_A=25°C$) | $P_D$ | 2.5 - 3.1 | W | | Operating Temperature | $T_J$ | -55 to +150 | °C | --- ### 2. Key Features * **Trench Power Technology:** Uses advanced trench technology to provide excellent $R_{DS(ON)}$ (Low On-Resistance), which minimizes power loss during conduction. * **Low Gate Charge:** Optimized for high-speed switching applications. * **SOP-8 Packaging:** Surface-mount design suitable for automated assembly and high-density PCB layouts. * **RoHS Compliant:** Usually halogen-free and compliant with environmental safety standards. --- ### 3. Application Areas The 4411-R2 is primarily used as a switch or in power management circuits: 1. **Load Switching:** Used in battery-powered devices to turn sub-circuits on or off. 2. **DC/DC Converters:** Acts as the primary switching element in buck or boost regulators. 3. **Battery Protection:** Integrated into BMS (Battery Management Systems) for Li-ion packs to prevent over-discharge. 4. **LED Drivers:** Controlling current flow in high-brightness LED arrays. --- ### 4. Pin Configuration (SOP-8) The SOP-8 package follows a standard industry pinout for single MOSFETs: ```text +-------+ S1 | 1 8 | D S2 | 2 7 | D S3 | 3 6 | D G | 4 5 | D +-------+ S = Source, G = Gate, D = Drain ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent replacement parts for the 4411-R2 MOSFET?
    • ⤷ How does the RDS(ON) value affect the heat dissipation of this part?
    • ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller GPIO?