データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47DM-1019-R

  • AI
    The **47DM-1019-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are widely used in power management circuits to store energy, filter noise, and regulate voltage. --- ### 1. Technical Specifications Inductors like the 47DM series are designed for high-efficiency power conversion. Below are the typical characteristics of this part class: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Usually specified in the datasheet (common range 1.0µH to 100µH) | | **Current Rating** | High-saturation current capability | | **Shielding** | Magnetic shielding (reduces EMI/interference) | | **Compliance** | RoHS Compliant (indicated by the "-R" suffix) | --- ### 2. Key Internal Construction * **Core Material:** Often uses a Ferrite or Metal Composite core to handle high frequencies without significant energy loss. * **Winding:** Copper wire wound internally, connected to solderable pads on the bottom of the casing. * **Encapsulation:** The "1019" designation often refers to the physical dimensions (e.g., approximately 10mm x 10mm base with a 1.9mm or 10mm height, depending on the manufacturer's naming convention). --- ### 3. Common Applications The 47DM-1019-R is generally found in the following electronic environments: 1. **DC-DC Converters:** Acting as an energy storage element in buck or boost regulators. 2. **Laptops and Tablets:** Powering CPUs and GPUs where high current and low profile are required. 3. **Telecommunications:** Used in base stations or networking hardware for power filtering. 4. **LED Drivers:** Stabilizing current for high-brightness lighting systems. --- ### 4. Part Number Breakdown (Typical) While manufacturers vary, the part number usually encodes specific data: * **47:** Often refers to the series or the base inductance value (e.g., 4.7µH or 47µH). * **DM:** Manufacturer's series code (e.g., "Drum Core" or "Molded"). * **1019:** Dimensional footprint (length/width/height). * **-R:** Standard industry notation for **RoHS Compliant** (Lead-free).
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and tolerance for the 47DM-1019-R?
    • ⤷ Which manufacturer produces this specific part number?
    • ⤷ What are the recommended soldering temperature profiles for this SMD inductor?