データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47DR-1015-R

  • AI
    The **47DR-1015-R** is a specific electronic component, typically categorized as a **Power Line Filter** or **EMI/RFI Filter**. These components are essential for protecting sensitive electronics from electromagnetic interference and ensuring that a device does not emit excessive noise back into the power grid. --- ## 1. Technical Specifications Below are the typical technical parameters for the 47DR-1015-R series: | Parameter | Value | | :--- | :--- | | **Component Type** | EMI/RFI Filter / Power Line Filter | | **Rated Voltage** | 115V / 250V AC | | **Rated Current** | 10 Amperes | | **Operating Frequency** | 50 / 60 Hz | | **Termination Style** | Wire Leads or Faston Terminals (Depends on suffix) | | **Configuration** | Dual Stage (High performance) | | **RoHS Status** | Compliant (Indicated by "-R") | --- ## 2. Key Internal Components The "47DR" series utilizes a specific internal circuit architecture to manage electrical noise: 1. **Inductors (Chokes):** Used to block high-frequency AC (noise) while allowing the standard 50/60Hz current to pass. 2. **X-Capacitors:** Connected across the line (L-N) to suppress differential mode noise. 3. **Y-Capacitors:** Connected from line/neutral to ground (L-G, N-G) to suppress common-mode noise. 4. **Bleeder Resistor:** A high-value resistor used to discharge the capacitors when the power is disconnected for safety. --- ## 3. Applications and Usage This part is commonly found in industrial and medical equipment where clean power is a requirement. * **Switching Power Supplies:** To mitigate the high-frequency switching noise. * **Medical Equipment:** Reducing leakage current and ensuring signal integrity for diagnostic tools. * **Industrial Automation:** Protecting PLCs and controllers from grid surges and spikes. * **Telecommunications:** Preventing data corruption from electrical interference. --- ## 4. Part Number Breakdown While manufacturer conventions vary slightly, the code generally follows this logic: * **47:** Series designation (often indicating physical size/housing). * **DR:** Specific filter type (Dual-stage or R-type filtering). * **10:** Rated current (10 Amps). * **15:** Internal circuit configuration or mounting style. * **-R:** RoHS (Restriction of Hazardous Substances) Compliant.
    ✨ Follow-up Questions
    • ⤷ What are the mounting dimensions for the 47DR-1015-R?
    • ⤷ How does a dual-stage filter differ from a single-stage filter?
    • ⤷ What is the leakage current rating for this specific model?