データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LAC-262B-R

  • AI
    The part number **47LAC-262B-R** typically refers to a specialized electronic component, often categorized within the domain of **network transformers** or **magnetic modules** (commonly used for Ethernet applications like 10/100/1000 Base-T). Below is a breakdown of the technical specifications, physical characteristics, and typical applications for this type of component. --- ### 1. Technical Specifications The following table summarizes the key electrical and physical parameters generally associated with this series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | LAN Transformer / Magnetic Module | | **Turns Ratio** | 1:1 (Typical for Tx/Rx) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Configuration** | Single or Dual Port (depending on specific layout) | | **Mounting Type** | Surface Mount (SMD) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Description The **47LAC-262B-R** serves several critical functions in a networking circuit: * **Galvanic Isolation:** It protects sensitive ICs (Integrated Circuits) from high-voltage spikes and surges coming from the Ethernet cable. * **Impedance Matching:** Ensures that the signal integrity is maintained between the PHY (Physical Layer) chip and the RJ45 connector. * **Noise Suppression:** Integrates common-mode chokes to filter out Electromagnetic Interference (EMI) and ensure compliance with FCC/CE emissions standards. * **Signal Transformation:** Converts differential signals from the Ethernet controller into the format required for transmission over twisted-pair cabling. --- ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer, here is a general breakdown of the identifier: 1. **47L:** Often denotes the specific product series or internal manufacturer code for LAN magnetics. 2. **AC:** May refer to the package style or specific internal circuit configuration. 3. **262B:** The specific design variant (inductance values, pinout configuration, or turns ratio). 4. **-R:** Standard industry suffix for **RoHS Compliant** (Lead-free). --- ### 4. Common Applications This part is commonly found in hardware that requires wired internet or network connectivity: * **Network Interface Cards (NICs):** Found in PCs and servers. * **Switches and Routers:** Used on every Ethernet port to handle signal isolation. * **Industrial Automation:** PLCs and controllers that use Industrial Ethernet (EtherCAT, Profinet). * **IoT Gateways:** Ensuring stable wired connections in smart building infrastructure.
    ✨ Follow-up Questions
    • ⤷Can you provide the specific datasheet for the 47LAC series?
    • ⤷ What are the pin-out differences between the 262B and 262A variants?
    • ⤷ Is this component compatible with Power over Ethernet (PoE) applications?