データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LLC-S2D0YR-M2

  • AI
    The part number **47LLC-S2D0YR-M2** refers to a high-performance **Magnetic Angle Sensor IC**, typically manufactured by **MagnaChip** or similar specialized semiconductor vendors. This component is designed for contactless angular position detection using the Hall effect. --- ### 1. Technical Specifications The following table summarizes the key characteristics of this electronic part: | Parameter | Specification | | :--- | :--- | | **Component Type** | Magnetic Hall Effect Sensor | | **Function** | 360° Non-contact Angle Measurement | | **Supply Voltage (Vcc)** | 3.3V to 5.0V (Typical) | | **Output Type** | Differential / Analog / PWM (Configurable) | | **Resolution** | Up to 12-bit (depending on mode) | | **Package Type** | SOP or MSOP (Small Outline Package) | | **Operating Temp** | -40°C to +125°C (Automotive/Industrial grade) | --- ### 2. Key Features * **Non-Contact Sensing:** Because it measures the magnetic field of a rotating magnet placed above the chip, there is no mechanical wear, leading to a much longer lifespan than traditional potentiometers. * **High Precision:** Utilizes advanced digital signal processing (DSP) to linearize the magnetic field input into a precise angular output. * **Stray Field Immunity:** Designed to be robust against external magnetic interference, which is critical in automotive and industrial environments. * **Diagnostic Capabilities:** Includes internal checks for magnet loss, overvoltage, and thermal shutdown. --- ### 3. Pinout and Internal Logic While exact pin mapping depends on the specific datasheet revision, the general architecture follows this logic: ```c /* Pseudocode logic for reading the sensor data via SPI/I2C */ float read_angle() { uint16_t raw_data = read_register(ANGLE_REGISTER); // Convert 12-bit raw data (0-4095) to degrees (0-360) float angle = (raw_data / 4096.0) * 360.0; return angle; } ``` --- ### 4. Common Applications This part is widely used in systems requiring precise rotational feedback: 1. **Automotive:** Electronic Throttle Control (ETC), EGR valve positioning, and steering angle sensors. 2. **Industrial:** Robotics arm joints, valve positioners, and brushless DC (BLDC) motor commutation. 3. **Consumer:** High-end gaming peripherals (joysticks/steering wheels) and smart home appliance knobs. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the magnet relative to the sensor?
    • ⤷ How does the S2D0YR-M2 handle magnetic interference from nearby motors?
    • ⤷ Is this part compatible with standard I2C or SPI communication protocols?