データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • 47LLC-S2D0YR-R

  • AI
    The part number **47LLC-S2D0YR-R** typically corresponds to a high-frequency, surface-mount **Multilayer Ceramic Capacitor (MLCC)**, often used in specialized RF and microwave applications. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | Multilayer Ceramic Capacitor (MLCC) | | **Capacitance Value** | Typically 4.7 pF (indicated by "47") | | **Tolerance** | ±0.5pF or ±5% (Series dependent) | | **Voltage Rating** | High Voltage (often 200V - 500V range) | | **Dielectric Material** | C0G / NP0 (Ultra-stable) | | **Package / Case** | 0402 or 0603 SMD | | **Termination** | RoHS Compliant / Matte Tin | --- ### 2. Part Number Breakdown (Logic) While specific manufacturer prefixes may vary slightly, the nomenclature generally follows this logic: * **47**: The significant figures for capacitance (4.7). * **LLC**: Often denotes the specific series (Low Loss / High-Q). These are designed for minimal energy dissipation at high frequencies. * **S2D**: Usually refers to the voltage rating and the dielectric code (e.g., Ultra-stable C0G). * **0YR**: Packaging and internal manufacturing codes (often indicating tape and reel specifications). * **-R**: Indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ### 3. Key Electronic Characteristics #### High-Q Factor The "LLC" (Low Loss Ceramic) designation implies a very high Quality Factor (Q). This means the capacitor has extremely low Equivalent Series Resistance (ESR), making it ideal for circuits where signal integrity and minimal heat generation are critical. #### Temperature Stability Using a **C0G (NP0)** dielectric ensures that the capacitance value does not drift significantly with temperature changes. It remains stable from -55°C to +125°C. #### RF Performance These parts are engineered for high-frequency applications. They exhibit high self-resonant frequencies (SRF), allowing them to function effectively in the Gigahertz (GHz) range. --- ### 4. Common Applications * **RF Matching Networks:** Used to match impedance between power amplifiers and antennas. * **Filter Circuits:** High-pass, low-pass, and band-pass filters in wireless communication devices. * **Decoupling:** Providing clean power to high-speed digital ICs. * **MRI & Medical Equipment:** Where non-magnetic properties and high precision are required.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the 47LLC series?
    • ⤷ How does the Q-factor of this capacitor affect RF circuit performance?
    • ⤷ Can you explain the difference between C0G and X7R dielectrics in this context?